Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA843 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA843
Description  Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA843 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA843 Datasheet HTML 1Page - Burr-Brown (TI) OPA843 Datasheet HTML 2Page - Burr-Brown (TI) OPA843 Datasheet HTML 3Page - Burr-Brown (TI) OPA843 Datasheet HTML 4Page - Burr-Brown (TI) OPA843 Datasheet HTML 5Page - Burr-Brown (TI) OPA843 Datasheet HTML 6Page - Burr-Brown (TI) OPA843 Datasheet HTML 7Page - Burr-Brown (TI) OPA843 Datasheet HTML 8Page - Burr-Brown (TI) OPA843 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OPA843
4
SBOS268A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +5, RF = 402Ω, RG = 100Ω, and RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
106
108
107
109
6
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.2Vp-p
G = +5
G = +3
G = +10
G = +20
See Figure 1
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
106
108
107
109
3
0
–3
–6
–9
–12
–15
–18
R
G = RS = 50Ω
V
O = 0.2Vp-p
G = –8
G = –4
G = –16
G = –32
See Figure 2
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
107
108
109
17
14
11
8
5
2
–1
R
L = 100Ω
G = +5V/V
2Vp-p
200mVp-p
to 1Vp-p
5Vp-p
See Figure 1
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
107
108
109
21
18
15
12
9
6
3
0
–3
–6
R
L = 100Ω
G = –8V/V
0.2Vp-p
1Vp-p
2Vp-p
5Vp-p
See Figure 2
NONINVERTING PULSE RESPONSE
Time (2ns/div)
200
100
0
–100
–200
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
G = +5
See Figure 1
Large Signal
± 1V
Small Signal
± 100mV
Right Scale
Left Scale
INVERTING PULSE RESPONSE
Time (2ns/div)
200
100
0
–100
–200
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
Large Signal
± 1V
See Figure 2
Small Signal
± 100mV
Right Scale
Left Scale
G = –8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn