Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP445 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC10EP445
Description  ECL 8-Bit Serial/Parallel Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP445 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC10EP445_14 Datasheet HTML 6Page - ON Semiconductor MC10EP445_14 Datasheet HTML 7Page - ON Semiconductor MC10EP445_14 Datasheet HTML 8Page - ON Semiconductor MC10EP445_14 Datasheet HTML 9Page - ON Semiconductor MC10EP445_14 Datasheet HTML 10Page - ON Semiconductor MC10EP445_14 Datasheet HTML 11Page - ON Semiconductor MC10EP445_14 Datasheet HTML 12Page - ON Semiconductor MC10EP445_14 Datasheet HTML 13Page - ON Semiconductor MC10EP445_14 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MC10EP445, MC100EP445
http://onsemi.com
10
APPLICATION INFORMATION
The MC10/100EP445 is an integrated 1:8 serial to parallel
converter with two modes of operation selected by
CKSEL (Pin 7). CKSEL HIGH mode only latches data on
the rising edge of the input CLK and CKSEL LOW mode
latches data on both the rising and falling edge of the input
CLK. CKSEL LOW is the open default state. Either of the
two differential input serial data path provided for this
device, SINA and SINB, can be chosen with the SINSEL pin
(pin 25). SINA is the default input path when SINSEL pin
is left floating. Because of internal pull−downs on the input
pins, all input pins will default to logic low when left open.
The two selectable serial data paths can be used for
loop−back testing as well as the bit error testing.
Upon power−up, the internal flip−flops will attain a
random state. To synchronize multiple flip–flops in the
device, the Reset (pin 1) must be asserted. The reset pin will
disable the internal clock signal irrespective of the CKEN
state (CKEN disables the internal clock circuitry). The
device will grab the first stream of data after the falling edge
of RESET
À, followed by the falling edge of CLKÁ, on
second rising edge of CLK
 in either CKSEL modes. (See
Figure 6)
CLK
RESET
PCLK
RESET
(Asynchronous Reset)
RESET
(Synchronous ENABLE)
Figure 7. Reset Timing Diagram
À
Á
Â


Numéro de pièce similaire - MC10EP445_14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Description similaire - MC10EP445_14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com