Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP142 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10EP142
Description  ECL 9-Bit Shift Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP142 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10EP142 Datasheet HTML 1Page - ON Semiconductor MC10EP142 Datasheet HTML 2Page - ON Semiconductor MC10EP142 Datasheet HTML 3Page - ON Semiconductor MC10EP142 Datasheet HTML 4Page - ON Semiconductor MC10EP142 Datasheet HTML 5Page - ON Semiconductor MC10EP142 Datasheet HTML 6Page - ON Semiconductor MC10EP142 Datasheet HTML 7Page - ON Semiconductor MC10EP142 Datasheet HTML 8Page - ON Semiconductor MC10EP142 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 18
1
Publication Order Number:
MC10EP142/D
MC10EP142, MC100EP142
3.3 V / 5 V ECL 9-Bit Shift
Register
The MC10EP/100EP142 is a 9−bit shift register, designed with
byte-parity applications in mind. The MC10/100EP142 is capable of
performing serial/parallel data into serial/parallel out and shifting in
only one direction. The nine inputs D0 − D8 accept parallel input data,
while S−IN accepts serial input data. The QT0:87 outputs do not need
to be terminated for the shift operation to function. To minimize
power, any Q output not used should be left unterminated.
The SEL (Select) input pin is used to switch between the two modes
of operation − SHIFT and LOAD. The shift direction is from Bit 0 to
Bit 8. Input data is accepted by the registers a set−up time before the
positive going edge of CLK0 or CLK1; shifting is also accomplished
on the positive clock edge. A HIGH on the Master Reset pin (MR)
asynchronously resets all the registers to zero, overriding CLK0 and
CLK1 inputs.
The 100 Series contains temperature compensation.
Features
Shift Frequency >2.8 GHz (Typical)
9-Bit for Byte−Parity Applications
Asynchronous Master Reset
Dual Clocks
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
These Devices are Pb−Free and are RoHS Compliant
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or
G = Pb−Free Package
MCxxx
EP142
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
MCxxx
EP142
AWLYYWW
G
G
1
(Note: Microdot may be in either location)


Numéro de pièce similaire - MC10EP142

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10EP142FA ONSEMI-MC10EP142FA Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10EP142FAG ONSEMI-MC10EP142FAG Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10EP142FAR2 ONSEMI-MC10EP142FAR2 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10EP142FAR2G ONSEMI-MC10EP142FAR2G Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
More results

Description similaire - MC10EP142

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
MC10EP142 ONSEMI-MC10EP142 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com