Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP16 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC10EP16
Description  ECL Differential Receiver/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP16 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC10EP16_16 Datasheet HTML 3Page - ON Semiconductor MC10EP16_16 Datasheet HTML 4Page - ON Semiconductor MC10EP16_16 Datasheet HTML 5Page - ON Semiconductor MC10EP16_16 Datasheet HTML 6Page - ON Semiconductor MC10EP16_16 Datasheet HTML 7Page - ON Semiconductor MC10EP16_16 Datasheet HTML 8Page - ON Semiconductor MC10EP16_16 Datasheet HTML 9Page - ON Semiconductor MC10EP16_16 Datasheet HTML 10Page - ON Semiconductor MC10EP16_16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC10EP16, MC100EP16
www.onsemi.com
10
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH. PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.25 (0.010) PER SIDE.
5.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6.
DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE -W-.
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
CASE 948R−02
ISSUE A


Numéro de pièce similaire - MC10EP16_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP16D ONSEMI-MC10EP16D Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
MC10EP16D ONSEMI-MC10EP16D Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP16D ONSEMI-MC10EP16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP16DG ONSEMI-MC10EP16DG Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP16DR2 ONSEMI-MC10EP16DR2 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
More results

Description similaire - MC10EP16_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16T ONSEMI-MC10EP16T_16 Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_16 Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com