Moteur de recherche de fiches techniques de composants électroniques |
|
MC100E452FNG Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC100E452FNG Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC10E452, MC100E452 www.onsemi.com 5 Table 6. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1)) −40°C 0°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 74 89 74 89 74 89 85 102 mA VOH Output HIGH Voltage (Note 2) −1025 −950 −880 −1025 −950 −880 −1025 −950 −880 mV VOL Output LOW Voltage (Note 2) −1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620 mV VIH Input HIGH Voltage (Single-Ended) −1165 −1025 −880 −1165 −1025 −880 −1165 −1025 −880 mV VIL Input LOW Voltage (Single-Ended) −1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475 mV VBB Output Voltage Reference −1.38 −1.26 −1.38 −1.26 −1.38 −1.26 −1.38 −1.26 V VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) −2.8 −0.4 −2.8 −0.4 −2.8 −0.4 V IIH Input HIGH Current 150 150 150 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.25 0.5 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. Table 7. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1)) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fMAX Maximum Toggle Frequency 1.1 1.1 1.1 GHz tPLH tPHL Propagation Delay to Output CLK (Diff) CLK (SE) MR 425 375 375 600 600 625 850 900 900 475 425 425 600 600 625 800 850 900 475 425 425 600 600 625 800 850 900 ps tS Setup Time D 175 −50 150 −50 150 −50 ps tH Hold Time D 225 50 200 50 200 50 ps tRR Reset Recovery Time 750 450 700 450 700 450 tPW Minimum Pulse Width CLK MR 400 400 400 400 400 400 ps tskew Within-Device Skew (Note 2) 50 50 ps tJITTER Random Clock Jitter (RMS) < 1.0 < 1.0 < 1.0 ps VPP Input Voltage Swing (Differential Configuration) 150 1000 150 1000 150 1000 mV tr/tf Rise/Fall Times 20−80% 250 475 725 275 475 675 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. 10 Series: VEE can vary −0.46 V / +0.06 V. 100 Series: VEE can vary −0.46 V / +0.8 V. 2. Within-device skew is defined as identical transitions on similar paths through a device. |
Numéro de pièce similaire - MC100E452FNG |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |