Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65266-1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65266-1
Description  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65266-1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65266-1_16 Datasheet HTML 6Page - Texas Instruments TPS65266-1_16 Datasheet HTML 7Page - Texas Instruments TPS65266-1_16 Datasheet HTML 8Page - Texas Instruments TPS65266-1_16 Datasheet HTML 9Page - Texas Instruments TPS65266-1_16 Datasheet HTML 10Page - Texas Instruments TPS65266-1_16 Datasheet HTML 11Page - Texas Instruments TPS65266-1_16 Datasheet HTML 12Page - Texas Instruments TPS65266-1_16 Datasheet HTML 13Page - Texas Instruments TPS65266-1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
5
5.2
5.4
5.6
5.8
6
D017
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
4
4.2
4.4
4.6
4.8
5
D018
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
1.12
1.16
1.2
1.24
1.28
D015
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
1.07
1.11
1.15
1.19
1.23
D016
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
1.9
2
2.1
2.2
2.3
D013
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
5.1
5.2
5.3
5.4
5.5
5.6
D014
10
TPS65266-1
SLVSDA6 – OCTOBER 2016
www.ti.com
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 5 V, VOUT1 = 1.0 V, VOUT2 = 1.5 V, VOUT3 = 1.8 V FSW = 1 MHz (unless otherwise noted)
VIN = 5 V
EN = 1 V
Figure 13. EN Pin Pullup Current vs Temperature, EN = 1 V
VIN = 5 V
EN = 1.3 V
Figure 14. EN Pin Pullup Current vs Temperature, EN = 1.3 V
VIN = 5 V
Figure 15. EN Pin Threshold Rising vs Temperature
VIN = 5 V
Figure 16. EN Pin Threshold Falling vs Temperature
VIN = 5 V
Figure 17. SS Pin Charge Current vs Temperature
VIN = 5 V
Figure 18. Buck1 High-Side Current Limit vs Temperature


Numéro de pièce similaire - TPS65266-1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65266-1RTQR TI1-TPS65266-1RTQR Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQT TI1-TPS65266-1RTQT Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Description similaire - TPS65266-1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com