Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EL31DR2G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10EL31DR2G
Description  5 V ECL D Flip.Flop With Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL31DR2G Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10EL31DR2G Datasheet HTML 1Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 2Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 3Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 4Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 5Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 6Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 7Page - ON Semiconductor MC10EL31DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC10EL31/D
MC10EL31, MC100EL31
5 V ECL D Flip‐Flop
With Set and Reset
Description
The MC10EL/100EL31 is a D flip-flop with set and reset. The
device is functionally equivalent to the E131 device with higher
performance capabilities. With propagation delays and output
transition times significantly faster than the E131, the EL31 is ideally
suited for those applications which require the ultimate in AC
performance.
Both set and reset inputs are asynchronous, level triggered signals.
Data enters the master portion of the flip-flop when clock is LOW and
is transferred to the slave, and thus the outputs, upon a positive
transition of the clock.
The 100 Series contains temperature compensation.
Features
475 ps Propagation Delay
2.8 GHz Toggle Frequency
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on D, CLK, S, and R
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Metastability 125 ps (see Application Note AN1504)
Transistor Count = 79 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
HL31
ALYWG
G
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KL31
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−05
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
ORDERING INFORMATION
www.onsemi.com
1
8
(Note: Microdot may be in either location)
KEL31
ALYW
G
1
8
1
8
HEL31
ALYW
G
1
8
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb-Free Package
See detailed ordering and shipping information on page 6 of
this data sheet.
SOIC−8 NB
TSSOP−8


Numéro de pièce similaire - MC10EL31DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL31DR2G ONSEMI-MC10EL31DR2G Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
More results

Description similaire - MC10EL31DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL31 ONSEMI-MC10EL31_06 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com