Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E431FNR2G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10E431FNR2G
Description  5V ECL 3?륛it Differential Flip?륡lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431FNR2G Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10E431FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E431FNR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E431, MC100E431
www.onsemi.com
2
CLK0 CLK0 D0
D0
R0
D2
D2
CLK2
CLK2
VBB
VCCO
CLK1
CLK1
R1
VEE
S1
D1
D1
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
R2
S2
Q2
Q2
VCC
Q1
Q1
Q0
Q0
S0
1
* All VCC and VCCO pins are tied together on the die.
Figure 1. Pinout: PLCC-28 (Top View)
Warning: All VCC, VCCO, and VEE pins must be externally con-
nected to Power Supply to guarantee proper operation.
MC10E431/MC100E431
Figure 2. Logic Diagram
S0
D0
D0
CLK0
CLK0
R0
S1
D1
D1
CLK1
CLK1
R1
S2
D2
D2
CLK2
CLK2
R2
VBB
Q0
Q0
Q1
Q1
Q2
Q2
S
Q
R
Q
D
S
Q
R
Q
D
S
Q
R
Q
D
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D[0:2], D[0:2]
ECL Differential Data Inputs
CLK[0:2], CLK[0:2]
ECL Differential Clock
S[0:2]
ECL Edge Triggered Set Inputs
R[0:2]
ECL Edge Triggered Reset Input
Q[0:2], Q[0:2]
ECL Differential Data Outputs
VBB
Reference Voltage Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
Table 2. FUNCTION TABLE
Dn
CLKn
Rn
Sn
Qn
L
Z
L
L
L
H
Z
L
L
H
X
X
Z
L
L
X
X
L
Z
H
Z = Low to high transition
X = Don’t Care


Numéro de pièce similaire - MC10E431FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E431FNR2G ONSEMI-MC10E431FNR2G Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results

Description similaire - MC10E431FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_16 Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com