Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5610 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5610
Description  LED Driver for White, Blue or any Color LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5610 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5610 Datasheet HTML 1Page - Fairchild Semiconductor FAN5610 Datasheet HTML 2Page - Fairchild Semiconductor FAN5610 Datasheet HTML 3Page - Fairchild Semiconductor FAN5610 Datasheet HTML 4Page - Fairchild Semiconductor FAN5610 Datasheet HTML 5Page - Fairchild Semiconductor FAN5610 Datasheet HTML 6Page - Fairchild Semiconductor FAN5610 Datasheet HTML 7Page - Fairchild Semiconductor FAN5610 Datasheet HTML 8Page - Fairchild Semiconductor FAN5610 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRODUCT SPECIFICATION
FAN5610
REV. 1.0.2 10/28/03
3
Absolute Maximum Ratings
Recommended Operating Conditions
DC Electrical Characteristics
Notes:
1. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
2. The minimum operating voltage depends on the LED’s operating voltage, as shown in the "Application Information" section.
Parameter
Min.
Max.
Unit
VIN, IN A/IN B Voltage to GND
-0.3
6.0
V
Lead Soldering Temperature (10 seconds)
300
°C
Operating Junction Temperature Range
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge Protection Level (Note1)
HBM
4
kV
CDM
2
Parameter
Min.
Typ.
Max.
Unit
Input Voltage Range, VIN (Note2)
2.7
5.5
V
Operating Ambient Temperature Range
-40
25
85
°C
(VIN =3.3V to 5.5V, TA = 25 °C, unless otherwise noted. Boldface values indicate specifications over the ambient
operating temperature range.)
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Current, OFF Mode
IN A = 0
IN B = 0
<1
2
µA
Output Current Accuracy
VD > 0.3V
IN A = 1, IN B = 1
14.8
21
26
mA
LED to LED Current Matching
VIN = 3.6V
IN A = 1, IN B = 1
-7.5
7.5
%
DAC Input Voltage Threshold
LOW
0
0.3
× VIN
V
HIGH
0.6
× VIN
VIN
Peak Efficiency
LED VF =3V at 20mA
91
%


Numéro de pièce similaire - FAN5610

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5611MPX FAIRCHILD-FAN5611MPX Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5611S7X FAIRCHILD-FAN5611S7X Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611S7X FAIRCHILD-FAN5611S7X Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Description similaire - FAN5610

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
Sipex Corporation
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
logo
Rohm
BD83A14EFV-M ROHM-BD83A14EFV-M Datasheet
1Mb / 49P
   White LED Driver for Automotive
08.Jul.2022 Rev.001
BD83A24MUF-M ROHM-BD83A24MUF-M Datasheet
1Mb / 49P
   White LED Driver for Automotive
30.Nov.2022 Rev.001
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com