Moteur de recherche de fiches techniques de composants électroniques |
|
BDX33D Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
BDX33D Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited |
2 / 2 page INCHANGE Semiconductor isc Product Specification isc website: www.iscsemi.com isc & iscsemi is registered trademark 2 isc Silicon NPN Darlington Power Transistor BDX33D ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT VCEO(SUS) Collector-Emitter Sustaining Voltage IC= 30mA; IB= 0 120 V VCE(sat) Collector-Emitter Saturation Voltage IC= 3A; IB= 6mA 2.5 V VBE(on) Base-Emitter On Voltage IC= 3A; VCE= 3V 2.5 V ICBO Collector Cutoff Current VCB= 120V; IE= 0 0.2 mA ICEO Collector Cutoff Current VCE= 60V; IB= 0 0.5 mA IEBO Emitter Cutoff Current VEB= 5V; IC= 0 10 mA hFE DC Current Gain IC= 3A; VCE= 3V 750 |
Numéro de pièce similaire - BDX33D |
|
Description similaire - BDX33D |