Moteur de recherche de fiches techniques de composants électroniques |
|
BTB10-800B Fiches technique(PDF) 3 Page - STMicroelectronics |
|
BTB10-800B Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 7 page BTA10 and BTB10 Series 3/7 Table 6: Thermal resistance Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) TO-220AB 1.5 °C/W TO-220AB Insulated 2.4 Rth(j-a) Junction to ambient TO-220AB 60 °C/W TO-220AB Insulated Figure 1: Maximum power dissipation versus RMS on-state current (full cycle) Figure 2: RMS on-state current versus case temperature (full cycle) Figure 3: Relative variation of thermal impedance versus pulse duration Figure 4: On-state characteristics (maximum values) P(W) 01 234 5 6 789 10 0 1 2 3 4 5 6 7 8 9 10 11 12 13 I (A) T(RMS) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 8 9 10 11 12 I (A) T(RMS) T (°C) C BTA BTB 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 1E-2 1E-1 1E+0 K=[Z /R th th] t (s) p Zth(j-a) Zth(j-c) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 1 10 100 I (A) TM V (V) TM T max. V = 0.85V R = 40 m j t0 d Ω T= j T max. j T = 25°C j |
Numéro de pièce similaire - BTB10-800B |
|
Description similaire - BTB10-800B |