Moteur de recherche de fiches techniques de composants électroniques |
|
SS33 Fiches technique(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
|
SS33 Fiches technique(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
2 / 3 page Production Data Sheet Niu Hang Electronic Co. Ltd http://www.dgniuhang.com Page: 2 of 3 Date:2014/10/20 Rev.:AA RATINGANDCHARACTERISTICCURVES (TA=25°C(UNLESS OTHERWISE NOTED) Fig.1- FORWARD CURRENT DERATING CURVE AMBIENT TEMPERATURE,( C) Fig.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FORWARD VOLTAGE,(V) FORWARD VOLTAGE,(V) Fig.3 TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) Fig.4 TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE,(V) Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT NUMBER OF CYCLES AT 60Hz t,PULSE DURATION,sec. FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE SUFACE MOUNT SCHOTTKY RECTIFIERS SS32 THRU SS320 3.0 2.4 1.8 1.2 0.6 0 0 25 50 75 100 125 150 175 SS32-SS36 SS38-SS320 Single Phase Half Wave 60Hz Resistive or inductive Load 50 10.0 1 0.1 0.01 SS32-SS34 SS35-SS36 SS38-SS315 TJ=25 C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 SS320 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 TJ=75 C TJ=25 C TJ=100 C 0.1 1.0 10 100 10 100 1000 2000 TJ=25 C SS32-SS34 SS35-SS320 100 80 60 40 20 0 1 10 100 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 0.01 0.1 1 10 100 100 10 1 0.1 |
Numéro de pièce similaire - SS33 |
|
Description similaire - SS33 |