Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1211WR Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BF1211WR
Description  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1211WR Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BF1211WR Datasheet HTML 6Page - NXP Semiconductors BF1211WR Datasheet HTML 7Page - NXP Semiconductors BF1211WR Datasheet HTML 8Page - NXP Semiconductors BF1211WR Datasheet HTML 9Page - NXP Semiconductors BF1211WR Datasheet HTML 10Page - NXP Semiconductors BF1211WR Datasheet HTML 11Page - NXP Semiconductors BF1211WR Datasheet HTML 12Page - NXP Semiconductors BF1211WR Datasheet HTML 13Page - NXP Semiconductors BF1211WR Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2003 Dec 16
10
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
handbook, full pagewidth
DUT
C1
4.7 nF
R1
10 k
MGS315
C4
4.7 nF
L1
2.2 µH
C3
4.7 nF
RL
50
VGG
VAGC
VDS
RGEN
50
VI
R2
50
4.7 nF
C2
RG1
Fig.21 Cross-modulation test set-up.
Table 1
Scattering parameters: VDS =5V; VG2-S =4V; ID = 15 mA; Tamb =25 °C
Table 2
Noise data: VDS =5V; VG2-S =4V; ID = 15 mA; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.987
−3.86
2.928
175.8
0.0005
89.3
0.993
−1.58
100
0.985
−7.73
2.921
171.6
0.0010
86.9
0.993
−3.14
200
0.979
−15.25
2.807
163.2
0.0015
91.1
0.993
−6.31
300
0.965
−22.84
2.846
155.0
0.0028
77.4
0.988
−9.41
400
0.949
−30.15
2.784
146.7
0.0034
74.0
0.985
−12.48
500
0.929
−30.25
2.704
138.9
0.0037
71.4
0.981
−15.54
600
0.904
−44.24
2.639
130.9
0.0040
69.6
0.976
−18.59
700
0.876
−51.16
2.558
123.0
0.0039
69.0
0.971
−21.65
800
0.846
−58.16
2.486
115.1
0.0037
70.0
0.965
−24.27
900
0.816
−65.15
2.402
107.2
0.0032
74.5
0.960
−27.79
1000
0.791
−72.22
2.315
99.9
0.0028
87.1
0.956
−30.94
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
400
0.9
0.693
16.75
29.85
800
1.3
0.707
37.33
29.90


Numéro de pièce similaire - BF1211WR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1211WR NXP-BF1211WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - BF1211WR

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com