Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDU08 Fiches technique(PDF) 4 Page - XP Power Limited

No de pièce LDU08
Description  LED Driver LDU Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPPOWER [XP Power Limited]
Site Internet  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU08 Fiches technique(HTML) 4 Page - XP Power Limited

  LDU08 Datasheet HTML 1Page - XP Power Limited LDU08 Datasheet HTML 2Page - XP Power Limited LDU08 Datasheet HTML 3Page - XP Power Limited LDU08 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21-Aug-14
+
-
+
-
+Vout
- Vout
C2
C3
C1
L1
LDU
Input Filter to meet Class B Conducted Emissions
+Vout
- Vout
Control LDU
-Vin
LDU
+Vout
- Vout
-Vin
GND
PWM
0V
1.25V
Control
LDU08 48
By connecting a variable resistor between control
and GND, simple dimming can be achieved.
Capacitor is optional for HF noise rejection.
Recommended value is 0.22 µF.
The output current can be determined using the equation:
Where the value of R is between 0 and 2 M
Ω,the
maximum adjustment range of output current is 25% to 90%
(For Vin-Vout, LDU08 & 24: <20 VDC, LDU48: <30 VDC )
Output Current Adjustment by Variable Resistor
Output Current Adjustment by DC Voltage
Output Current Adjustment by PWM
Directly driving control input
A Pulse Width Modulated (PWM) signal with duty cycle
DPWM can be applied to the control pin, as shown:
Application Notes
LDU
Control
+Vout
-Vout
+
-Vin
The output current is given by:
Control Voltage Range: 0.3 V to 1.25 VDC
Iout = Iout nom x Control
Iout = Iout nom x Dpwm (Dpwm = PWM duty cycle)
LDU08
LDU24
LDU48
C1
10 µF
10 µF
4.7 µF
C2
Not Fitted
Not Fitted
4.7 µF
C3
47 µF
47 µF
Not Fitted
L1
68 µH
68 µH
47 µH
Iout =
Iout nom x R
(R + 200 k)
Iout =
For LDU48
For LDU08-24
Iout nom x R
(R + 50 k)
1.25


Numéro de pièce similaire - LDU08

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
LDU0516S300 XPPOWER-LDU0516S300 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0516S350 XPPOWER-LDU0516S350 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
LDU0716S500 XPPOWER-LDU0716S500 Datasheet
125Kb / 2P
   LED Driver LDU05/07/14 Series
More results

Description similaire - LDU08

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
LDU2030S500 XPPOWER-LDU2030S500 Datasheet
114Kb / 2P
   LED Driver LDU20 Series
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
   LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
   LED Driver DALI Performance Series
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com