Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8515 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8515 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices AD8515 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
AD8515
–11–
FUNCTIONAL DESCRIPTION
The AD8515, offered in space-saving SOT-23 and SC70 pack-
ages, is a rail-to-rail input and output operational amplifier that
can operate at supply voltages as low as 1.8 V. This product is
fabricated using 0.6 micron CMOS to achieve one of the best power
consumption to speed ratios (i.e., bandwidth) in the industry. With a
small amount of supply current (less than 400
mA), a wide unity
gain bandwidth of 4.5 MHz is available for signal processing.
The input stage consists of two parallel, complementary, differential
pairs of PMOS and NMOS. The AD8515 exhibits no phase rever-
sal as the input signal exceeds the supply by more than 0.6 V.
Currents into the input pin must be limited to 5 mA or less by
the use of external series resistance(s). The AD8515 has a very
robust ESD design and can stand ESD voltages of up to 4,000 V.
Power Consumption vs. Bandwidth
One of the strongest features of the AD8515 is the bandwidth
stability over the specified temperature range while consuming
small amounts of current. This effect is shown in TPC 1 through
TPC 3. This product solves the speed/power requirements for
many applications. The wide bandwidth is also stable even when
operated with low supply voltages. TPC 4 shows the relationship
between the supply voltage versus the bandwidth for the AD8515.
The AD8515 is ideal for battery-powered instrumentation and
handheld devices since it can operate at the end of discharge
voltage of most popular batteries. Table I lists the nominal and
end of discharge voltages of several typical batteries.
Table I. Typical Battery Life Voltage Range
End of Discharge
Battery
Nominal Voltage (V)
Voltage (V)
Lead-Acid
2
1.8
Lithium
2.6–3.6
1.7–2.4
NiMH
1.2
1
NiCd
1.2
1
Carbon-Zinc
1.5
1.1
DRIVING CAPACITIVE LOADS
Most amplifiers have difficulty driving large capacitive loads.
Additionally, higher capacitance at the output can increase the
amount of overshoot and ringing in the amplifier’s step response
and could even affect the stability of the device. This is due to the
degradation of phase margin caused by additional phase lag from
the capacitive load. The value of capacitive load that an amplifier
can drive before oscillation varies with gain, supply voltage, input
signal, temperature, and other parameters. Unity gain is the most
challenging configuration for driving capacitive loads. The AD8515
is capable of driving large capacitive loads without any external
compensation. The graphs in Figures 1a and 1b show the amplifier’s
capacitive load driving capability when configured in unity gain of +1.
The AD8515 is even capable of driving higher capacitive loads
in inverting gain of –1, as shown in Figure 2.
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
CL = 50pF
GAIN = +1
Figure 1a. Capacitive Load Driving @ CL = 50 pF
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
CL = 500pF
GAIN = +1
Figure 1b. Capacitive Load Driving @ CL = 500 pF
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 0.9V
CL = 800pF
GAIN = –1
Figure 2. Capacitive Load Driving @ CL = 800 pF


Numéro de pièce similaire - AD8515

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-R2 AD-AD8515AKS-R2 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL AD-AD8515AKS-REEL Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL7 AD-AD8515AKS-REEL7 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKSZ-R2 AD-AD8515AKSZ-R2 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results

Description similaire - AD8515

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com