Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT2G125DP Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AHCT2G125DP
Description  Bus buffer/line driver 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G125DP Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AHCT2G125DP Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G125DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2004 Jan 13
5
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC2G125; 74AHCT2G125
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
CONDITIONS
74AHC2G125
74AHCT2G125
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per device
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall times
VCC = 3.3 ± 0.3 V
−−
100
−−−
ns/V
VCC =5 ± 0.5 V
−−
20
−−
20
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V
−−20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC,IGND
VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 to +125 °C
250
mW


Numéro de pièce similaire - 74AHCT2G125DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT2G125DP NXP-74AHCT2G125DP Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 02-22 December 2008
logo
Nexperia B.V. All right...
74AHCT2G125DP NEXPERIA-74AHCT2G125DP Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHCT2G125DP-Q100 NEXPERIA-74AHCT2G125DP-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Description similaire - 74AHCT2G125DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com