Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC2G125DP Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHC2G125DP
Description  Bus buffer/line driver 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC2G125DP Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC2G125DP Datasheet HTML 7Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 8Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 9Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 10Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 11Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 12Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 13Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 14Page - NXP Semiconductors 74AHC2G125DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2004 Jan 13
11
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC2G125; 74AHCT2G125
AC CHARACTERISTICS
Type 74AHC2G125
GND = 0 V; tr =tf ≤ 3.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
CL (pF)
Tamb =25 °C
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
15
4.7
8.0
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
15
5.0
8.0
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
15
6.0
9.7
ns
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
50
6.6
11.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
50
6.9
11.5
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
50
8.3
13.2
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
15
3.4
5.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
15
3.6
5.1
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
15
4.1
6.8
ns
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
50
4.8
7.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
50
4.9
7.5
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
50
5.7
8.8
ns
Tamb = −40 to +85 °C
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
15
1.0
9.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
15
1.0
9.5
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
15
1.0
11.5
ns
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
50
1.0
13.0
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
50
1.0
13.0
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
50
1.0
15.0
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
15
1.0
6.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
15
1.0
6.0
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
15
1.0
8.0
ns
tPHL/tPLH
propagation delay nA to nY
see Figs 5 and 7
50
1.0
8.5
ns
tPZH/tPZL
propagation delay nOE to nY
see Figs 6 and 7
50
1.0
8.5
ns
tPHZ/tPLZ
propagation delay nOE to nY
see Figs 6 and 7
50
1.0
10.0
ns


Numéro de pièce similaire - 74AHC2G125DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC2G125DP NXP-74AHC2G125DP Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 02-22 December 2008
logo
Nexperia B.V. All right...
74AHC2G125DP NEXPERIA-74AHC2G125DP Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHC2G125DP-Q100 NEXPERIA-74AHC2G125DP-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Description similaire - 74AHC2G125DP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com