Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1321G-TR Fiches technique(PDF) 1 Page - Rohm

No de pièce BD1321G-TR
Description  General Purpose Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1321G-TR Fiches technique(HTML) 1 Page - Rohm

  BD1321G-TR Datasheet HTML 1Page - Rohm BD1321G-TR Datasheet HTML 2Page - Rohm BD1321G-TR Datasheet HTML 3Page - Rohm BD1321G-TR Datasheet HTML 4Page - Rohm BD1321G-TR Datasheet HTML 5Page - Rohm BD1321G-TR Datasheet HTML 6Page - Rohm BD1321G-TR Datasheet HTML 7Page - Rohm BD1321G-TR Datasheet HTML 8Page - Rohm BD1321G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.rohm.com
TSZ02201-0GMG0G200460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
1/19
04.Oct.2016 Rev.002
TSZ22111・14・001
Datasheet
Operational Amplifier
Ground Sense Low Power
General Purpose Operational Amplifiers
BD1321G
General Description
BD1321G is a single low voltage operational amplifier
with full swing output. It is the most effective solution for
applications requiring low supply current consumption
and low voltage operation.
Features
Operable with Low Voltage
Input Ground Sense, Output Full Swing
High Open Loop Voltage Gain
Low Supply Current
Low Input Offset Voltage
Applications
Portable Equipment
Low Voltage Application
Active Filter
Key Specifications
Operable supply voltage (single supply):
+2.7V to +5.5V
Supply Current:
130µA(Typ)
Slew Rate:
1.0V/µs(Typ)
Temperature Range:
-40°C to +85°C
Input Offset Current:
5nA (Typ)
Input Bias Current:
15nA (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
Pin Configuration
BD1321G: SSOP5
Pin No.
Pin Name
1
IN+
2
VSS
3
IN-
4
OUT
5
VDD
Ordering Information
B
D
1
3
2
1
x
-
T
R
Part Number
BD1321G
Package
G
: SSOP5
Packaging and forming specification
TR: Embossed tape and reel
Package
SSOP5
BD1321G
1
+
-
2
3
4
5
VSS
IN-
IN+
VDD
OUT
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.


Numéro de pièce similaire - BD1321G-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1321G-TR ROHM-BD1321G-TR Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Description similaire - BD1321G-TR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com