Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33074ADTBG Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC33074ADTBG
Description  Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33074ADTBG Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button MC33074ADTBG Datasheet HTML 3Page - ON Semiconductor MC33074ADTBG Datasheet HTML 4Page - ON Semiconductor MC33074ADTBG Datasheet HTML 5Page - ON Semiconductor MC33074ADTBG Datasheet HTML 6Page - ON Semiconductor MC33074ADTBG Datasheet HTML 7Page - ON Semiconductor MC33074ADTBG Datasheet HTML 8Page - ON Semiconductor MC33074ADTBG Datasheet HTML 9Page - ON Semiconductor MC33074ADTBG Datasheet HTML 10Page - ON Semiconductor MC33074ADTBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
7
VCC
VCC = +15 V
RL to VCC
TA = 25°C
GND
VCC
VCC = +15 V
RL = GND
TA = 25°C
GND
Figure 10. Split Supply Output Saturation
versus Load Current
60
Figure 11. Single Supply Output Saturation
versus Load Resistance to Ground
Figure 12. Single Supply Output Saturation
versus Load Resistance to VCC
Figure 13. Output Short Circuit Current
versus Temperature
Figure 14. Output Impedance
versus Frequency
Figure 15. Output Voltage Swing
versus Frequency
0
5.0
10
15
20
IL, LOAD CURRENT (± mA)
Sink
VCC/VEE = +4.5 V/ -4.5 V to +22 V/ -22 V
Source
RL, LOAD RESISTANCE TO GROUND (W)
100
1.0 k
10 k
100 k
RL, LOAD RESISTANCE TO VCC (W)
100
1.0 k
10 k
100 k
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
RL ≤ 0.1 W
DVin = 1.0 V
Sink
Source
f, FREQUENCY (Hz)
1.0 k
10 k
100
1.0 M
10 M
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC = +15 V
VEE = -15 V
VCM = 0
VO = 0
DIO = ±0.5 mA
TA = 25°C
f, FREQUENCY (Hz)
3.0 k
10 k
30 k
100 k
300 k
1.0 M
3.0 M
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k
THD
≤ 1.0%
TA = 25°C
VCC
VCC -1.0
VCC -2.0
VEE +2.0
VEE +1.0
VEE
VCC-2.0
VCC-4.0
VCC
0.2
0.1
0
0
-0.4
-0.8
2.0
1.0
50
40
30
20
10
0
50
40
30
20
10
0
28
24
20
16
12
8.0
4.0
0
−40
25
25
85
125
125


Numéro de pièce similaire - MC33074ADTBG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33074ADTBG ONSEMI-MC33074ADTBG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
More results

Description similaire - MC33074ADTBG

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com