Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLG70PS700-A Fiches technique(PDF) 2 Page - XP Power Limited

No de pièce DLG70PS700-A
Description  70-150 Watts DLG-HV Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPPOWER [XP Power Limited]
Site Internet  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLG70PS700-A Fiches technique(HTML) 2 Page - XP Power Limited

  DLG70PS700-A Datasheet HTML 1Page - XP Power Limited DLG70PS700-A Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50 55 60
70
20
40
60
80
100
0
-30
Ambient Temp (˚C)
100
305
90
20
40
60
80
100
0
Input Voltage (VAC)
B
A
A
B
DLG70/100
DLG150
23-Dec-14
DLG70-150-HV
Models and Ratings
Notes
1. Typical efficiency at full load and 240 VAC input.
2. Measured using 12” twisted pair with 0.1 µF and 47 µF capacitors in parallel
at 20 MHz bandwidth.
G
A
C
D
4-R2.3 (DLG70/100)
4-R2.1 (DLG150)
B
11.81±0.79 (300±20)
11.81±0.79 (300±20)
AC IN
DC OUT
18AWGx3C
18 AWGx2C (DLG70/100
and DLG150PS350-A)
16 AWGx2C
(All other DLG150)
ACL
ACN
V+ (RED)
V- (BLACK)
F
F
E
H
= Brown wire
= Blue wire
= Green/Yellow wire
ACN
ACL
Mechanical Details
Derating Curve
Application Notes
Output Power
Output Voltage
Output Current
Efficiency(1)
Model Number
70 W
50 - 100 V
700 mA
90.0%
DLG70PS700-A
100 W
100 - 142 V
700 mA
91.0%
DLG100PS700-A
100 W
100 - 142 V
800 mA
91.0%
DLG100PS800-A
100 W
50 - 71 V
1400 mA
91.0%
DLG100PS1400-A
150 W
120 - 428 V
350 mA
92.0%
DLG150PS350-A
150 W
115 - 284 V
530 mA
92.0%
DLG150PS530-A
150 W
60 - 210 V
700 mA
92.0%
DLG150PS700-A
150 W
60 - 143 V
1050 mA
92.0%
DLG150PS1050-A
150 W
30 - 107 V
1400 mA
91.0%
DLG150PS1400-A
DLG70/100
DLG150
A
7.80 (198.0)
8.90 (226.0)
B
7.38 (187.4)
8.35 (212.0)
C
6.07 (177.0)
8.00 (203.2)
D
2.24 (57.0)
2.68 (68.0)
E
1.20 (30.6)
1.35 (34.2)
F
0.26 (6.7)
0.35 (8.9)
G
1.46 (37.0)
1.54 (39.0)
H
0.21 (5.3)
0.28 (7.0)
Notes
1. All dimensions shown in inches (mm).
2. Weight: DLG70/100: 1.65 lbs (750 g), DLG150: 2.29 lbs (1040 g)
3. Tolerance: ±0.02 (0.5)


Numéro de pièce similaire - DLG70PS700-A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
DLG7137 SIEMENS-DLG7137 Datasheet
167Kb / 4P
   43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
logo
XP Power Limited
DLG75PS12 XPPOWER-DLG75PS12 Datasheet
271Kb / 2P
   50150 Watts DLG Series
DLG75PS24 XPPOWER-DLG75PS24 Datasheet
271Kb / 2P
   50150 Watts DLG Series
DLG75PS30 XPPOWER-DLG75PS30 Datasheet
271Kb / 2P
   50150 Watts DLG Series
DLG75PS36 XPPOWER-DLG75PS36 Datasheet
271Kb / 2P
   50150 Watts DLG Series
More results

Description similaire - DLG70PS700-A

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
   50150 Watts DLG Series
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
logo
XP Power Limited
VFT150 XPPOWER-VFT150 Datasheet
275Kb / 2P
   150 Watts VFT Series
logo
Astec America, Inc
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
XP Power Limited
VEH150 XPPOWER-VEH150 Datasheet
285Kb / 2P
   150 Watts VEH Series
MTC XPPOWER-MTC Datasheet
200Kb / 4P
   35150 Watts Series
logo
Anaren Microwave
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
   150 Watts
logo
Astec America, Inc
NTQ123-DC ASTEC-NTQ123-DC Datasheet
506Kb / 2P
   70-125 Watts
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
   150 Watts
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com