Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCC250-12U-4P Fiches technique(PDF) 1 Page - Artesyn Technologies

No de pièce LCC250-12U-4P
Description  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARTESYN [Artesyn Technologies]
Site Internet  
Logo ARTESYN - Artesyn Technologies

LCC250-12U-4P Fiches technique(HTML) 1 Page - Artesyn Technologies

  LCC250-12U-4P Datasheet HTML 1Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 2Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 3Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 4Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 5Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 6Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
LCC250
250 Watts Convection/Conduction Mounting
Total Power: 250 W
# of Outputs: Single
Outputs:
12, 24, 48 V
SPECIAL FEATURES
ƒ
250 W full power at elevated
temperatures
ƒ
Wide operating temperature range
suited for outdoor application
ƒ
IP64 rated
ƒ
Conduction-cooled or convection
ƒ
Differential remote sense
ƒ
Output adjust
ƒ
Output On/Off (Positive or Negative
logic user selectable)
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000 Immunity
ƒ
MIL-STD-461E: CE101; CE102;
CS101; CS114
SAFETY
ƒ
UL + CSA:
60950-1 2nd Ed.
ANSI ES60601-1
3rd Ed
ƒ
TUV:
60950-1 2nd Ed.
60601-1 3rd Ed.
61347-1; 2-13
ƒ
CB Scheme: IEC 60950-1 2nd Ed
IEC 61347-1; 2-13
IEC 60601-1
ƒ
China
CCC5
ƒ
CE Mark
Electrical Specifications
Input
Input range
90 - 264 Vac (Operating)
115/230 Vac (Nominal)
Frequency
47 - 63 Hz
Input fusing
Internal fuse on both L and N lines
Inrush current
50 A
Power factor
> 0.92 Full load
Harmonics
Meets EN61000-3-2; MIL-STD-461E(6); CE101; CE102; CS101; CS104
Input current
3.4 A @ 90 Vac full load
Hold up time
16 ms minimum at 115 Vac; 100% load
Efficiency
230 Vac; 100% load
12 V - 89% typical
24 V - 91% typical
48 V - 91.5% typical
Leakage current
< 275 μA at 230 Vac
Data Sheet


Numéro de pièce similaire - LCC250-12U-4P

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

Description similaire - LCC250-12U-4P

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com