Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N23WE Datasheet(Fiches technique) 1 Page - Advanced Semiconductor

Numéro de pièce 1N23WE
Description  SILICON MIXER DIODE
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASI [Advanced Semiconductor]
Site Internet  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

1N23WE Datasheet(HTML) 1 Page - Advanced Semiconductor

  1N23WE Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL
MAXIM
UNITS
NF
F = 9375 MHz
Plo = 1.0 mW
NFif = 1.5 dB
RL = 100
IF = 30 MHz
7.5
dB
VSWR
1.3
Z
IF
RL = 22
f = 1000 Hz
335
465
frange
8.0
12.4
GHz
SILICON MIXER DIODE
1N23WE
DESCRIPTION:
The
ASI 1N23WE is a Silicon Mixer
Diode Designed for Applications
Operating From 8.0 to 12.4 GHz.
FEATURES:
• High burnout resistance
• Low noise figure
• Hermetically sealed package
MAXIMUM RATINGS
IF
20 mA
VR
1.0 V
PDISS
5.0 (ERGS) @ TC = 25
OC
TJ
-55
OC to +150 OC
TSTG
-55
OC to +150 OC
PACKAGE STYLE DO- 23


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn