Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61070DDCR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61070DDCR
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61070DDCR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61070DDCR Datasheet HTML 1Page - Texas Instruments TPS61070DDCR Datasheet HTML 2Page - Texas Instruments TPS61070DDCR Datasheet HTML 3Page - Texas Instruments TPS61070DDCR Datasheet HTML 4Page - Texas Instruments TPS61070DDCR Datasheet HTML 5Page - Texas Instruments TPS61070DDCR Datasheet HTML 6Page - Texas Instruments TPS61070DDCR Datasheet HTML 7Page - Texas Instruments TPS61070DDCR Datasheet HTML 8Page - Texas Instruments TPS61070DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Gate
Control
GND
Regulator
Error
Amplifier
Control Logic
Oscillator
Temperature
Control
VOUT
FB
SW
VBAT
EN
GND
_
+
Backgate
Control
Vmax
Control
VOUT
5 k
3 pF
_
+
Vref = 0.5 V
GND
5 pF
50 k
160 k
Parameter Measurement Information
SW
C1
Power
Supply
L1
VBAT
VOUT
FB
C2
EN
GND
TPS6107x
ListofComponents:
U1= TPS61070DDC
L1=4.7µHWurthElektronik744031004
C1=2x4.7 µF,0603,X7R/X5RCeramic
C2=4x4.7 µF,0603,X7R/X5RCeramic
VCC
BoostOutput
R1
R2
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
FUNCTIONAL BLOCK DIAGRAM (TPS61070)
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS61070DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61070DDCR TI-TPS61070DDCR Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCR TI1-TPS61070DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI1-TPS61070DDCRG4 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Description similaire - TPS61070DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com