Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79425 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS79425
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79425 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS79425 Datasheet HTML 7Page - Texas Instruments TPS79425 Datasheet HTML 8Page - Texas Instruments TPS79425 Datasheet HTML 9Page - Texas Instruments TPS79425 Datasheet HTML 10Page - Texas Instruments TPS79425 Datasheet HTML 11Page - Texas Instruments TPS79425 Datasheet HTML 12Page - Texas Instruments TPS79425 Datasheet HTML 13Page - Texas Instruments TPS79425 Datasheet HTML 14Page - Texas Instruments TPS79425 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
Programming the TPS79401 Adjustable LDO Regulator
V
OUT +
V
REF
1 )
R1
R2
(3)
R1 +
V
OUT
V
REF
* 1
R2
(4)
C1 +
(3 x 10–7) x (R1 ) R2)
(R1 x R2)
(5)
22 pF
15 pF
15 pF
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
31.6 k
49.9 k
59 k
30.1 k
30.1 k
30.1 k
Not Available on the DCQ package.
TPS794xx
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
1
µF
2.2
µF
0.01
µF
Regulator Protection
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
The output voltage of the TPS79401 adjustable regulator is programmed using an external resistor divider as
shown in Figure 24. The output voltage is calculated using:
where:
VREF = 1.2246 V typ (the internal reference voltage).
Resistors R1 and R2 should be chosen for approximately 40-µA divider current. Lower value resistors can be
used for improved noise performance, but the device wastes more power. Higher values should be avoided as
leakage current at FB increases the output voltage error. The recommended design procedure is to choose
R2 = 30.1 k
Ω to set the divider current at 40 µA, C1 = 15 pF for stability, and then calculate R1 using:
In order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor be
placed between OUT and FB. For voltages < 1.8 V, the value of this capacitor should be 100 pF. For voltages
> 1.8 V, the approximate value of this capacitor can be calculated as:
The suggested value of this capacitor for several resistor ratios is shown in the table below. If this capacitor is
not used (such as in a unity-gain configuration) or if an output voltage < 1.8 V is chosen, then the minimum
recommended output capacitor is 4.7 µF instead of 2.2 µF.
Figure 24. TPS79401 Adjustable LDO Regulator Programming
The TPS794xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power-down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS794xx features internal current limiting and thermal protection. During normal operation, the TPS794xx
limits output current to approximately 925 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package or the absolute maximum
voltage rating of the device. If the temperature of the device exceeds approximately 165
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below approximately 140
°C, regulator operation
resumes.
11


Numéro de pièce similaire - TPS79425

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79425DCQ TI1-TPS79425DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DCQG4 TI1-TPS79425DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DCQR TI1-TPS79425DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DGNR TI1-TPS79425DGNR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DGNRG4 TI1-TPS79425DGNRG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79425

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com