Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL1-01G Fiches technique(PDF) 3 Page - Copal Electronics

No de pièce TPL1-01G
Description  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TPL1-01G Fiches technique(HTML) 3 Page - Copal Electronics

  TPL1-01G Datasheet HTML 1Page - Copal Electronics TPL1-01G Datasheet HTML 2Page - Copal Electronics TPL1-01G Datasheet HTML 3Page - Copal Electronics TPL1-01G Datasheet HTML 4Page - Copal Electronics TPL1-01G Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TP/TPL
■Handling Precautions
LED circuit
Accessories
mounting
■Contact method
Code
Item
Contact method
P
Non-shorting
:ON area
■Table of Part Numbers
Contactt
Series
plating
TP1
TPL1
TP2
TPL2
Non-illuminated
Silver
 TP1−01
TPL1
−01
 TP2−01
 TPL2−01
Gold
★TP1−01G
̶
★TP2−01G
★TPL2−01G
Illuminated
Series
TP2
TPL2
LED
Red
☆TP2−01−L2
☆TPL2−01−L2
Green
 TP2−01−L5
 TPL2−01−L5
Yellow
☆TP2−01−L8
☆TPL2−01−L8
Red
★TP2−01G−L2
★TPL2−01G−L2
Green
★TP2−01G−L5
★TPL2−01G−L5
Yellow
★TP2−01G−L8
★TPL2−01G−L8
Use VF=2.1V to calculate.
IF=10mA
Calculation Example:E=6 V
R=
R=
=390Ω
E−VF
6−2.1
0.01
IF
1.Installing the mounting frame
Install the mounting frame so
that the tab on the frame is
in the same direction as the
switch groove.
2.Installing the color button
Do not remove the button when a switch is locked.
Install the color button so
that the protrusions on the
switch actuator fit in the
square buttonhole.
● The mounting frame
cannot be installed when
the color button is already
mounted on the switch.
Position of a button
☆:Semi-standard products. ★:Made to order products.
There is a range of complete
OFF time in the transit process
from Terminal
① (or ④) to ③
(or
⑥).
Current to be applied to the
LED must be lower than the
forward current (IF) indicated
in the LED Specifications of
each switches. Resistance
value R should be calculated
using the formula on the right.


Numéro de pièce similaire - TPL1-01G

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
TPL1183427 TDK-TPL1183427 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525 TDK-TPL1183525 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-242Y-236N TDK-TPL1183525-242Y-236N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-262J-261N TDK-TPL1183525-262J-261N Datasheet
125Kb / 13P
   Transponder Coils
More results

Description similaire - TPL1-01G

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com