Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA10324AFV Fiches technique(PDF) 10 Page - Rohm

No de pièce BA10324AFV
Description  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA10324AFV Fiches technique(HTML) 10 Page - Rohm

Back Button BA10324AFV Datasheet HTML 6Page - Rohm BA10324AFV Datasheet HTML 7Page - Rohm BA10324AFV Datasheet HTML 8Page - Rohm BA10324AFV Datasheet HTML 9Page - Rohm BA10324AFV Datasheet HTML 10Page - Rohm BA10324AFV Datasheet HTML 11Page - Rohm BA10324AFV Datasheet HTML 12Page - Rohm BA10324AFV Datasheet HTML 13Page - Rohm BA10324AFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
○BA2902, BA2902S (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(Note 27,28)
VIO
25°C
-
2
7
mV
OUT=1.4V
Full range
-
-
10
VCC=5 to 30V, OUT=1.4V
Input Offset Voltage Drift
△VIO/△T
-
-
±7
-
μV/°C OUT=1.4V
Input Offset Current
(Note 27,28)
IIO
25°C
-
2
50
nA
OUT=1.4V
Full range
-
-
200
Input Offset Current Drift
△IIO/△T
-
-
±10
-
pA/°C OUT=1.4V
Input Bias Current
(Note 27,28)
IB
25°C
-
20
250
nA
OUT=1.4V
Full range
-
-
250
Supply Current
(Note 28)
ICC
25°C
-
0.7
2
mA
RL=∞, All Op-Amps
Full range
-
-
3
Maximum Output Voltage(High)
(Note 28)
VOH
25°C
3.5
-
-
V
RL=2k
Full range
27
28
-
VCC=30V, RL=10k
Maximum Output Voltage(Low)
(Note 28)
VOL
Full range
-
5
20
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
OUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode Voltage Range
VICM
25°C
0
-
VCC-1.5
V
(VCC-VEE)=5V
OUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
25°C
50
80
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
25°C
65
100
-
dB
VCC=5 to 30V
Output Source Current
(Note 28,29)
ISOURCE
25°C
20
30
-
mA
VIN+=1V, VIN-=0V
OUT=0V
1CH is short circuit
Full range
10
-
-
Output Sink Current
(Note 28,29)
ISINK
25°C
10
20
-
mA
VIN+=0V, VIN-=1V
OUT=5V, 1CH is short circuit
Full range
2
-
-
25°C
12
40
-
μA
VIN+=0V, VIN-=1V
OUT=200mV
Channel Separation
CS
25°C
-
120
-
dB
f=1kHz, input referred
Slew rate
SR
25°C
-
0.2
-
V/
μs
VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain Band Width
GBW
25°C
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100p
Input referred noise voltage
VN
25°C
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100
Ω, Vi=0V, f=1kHz
(Note 27) Absolute value
(Note 28) BA2902S :Full range -40 to +105°C ,BA2902 :Full range -40 to +125°C
(Note 29) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Numéro de pièce similaire - BA10324AFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10324AFV ROHM-BA10324AFV	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10324AFV ROHM-BA10324AFV Datasheet
61Kb / 5P
   Quad ground sense operational
BA10324AFV ROHM-BA10324AFV Datasheet
266Kb / 5P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10324AFV ROHM-BA10324AFV Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10324AFV ROHM-BA10324AFV Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Description similaire - BA10324AFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com