Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902VDTBR2G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LM2902VDTBR2G
Description  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2902VDTBR2G Fiches technique(HTML) 4 Page - ON Semiconductor

  LM2902VDTBR2G Datasheet HTML 1Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 2Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 3Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 4Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 5Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 6Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 7Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 8Page - ON Semiconductor LM2902VDTBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324, LM324E
LM2902, LM2902E
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage −
High Limit
VOH
V
VCC = 5.0 V, RL =
2.0 k
W, TA = 25°C
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
VCC = 30 V
RL = 2.0 kW
(TA = Thigh to Tlow)
(Note 7)
26
26
26
26
26
VCC = 30 V
RL = 10 kW
(TA = Thigh to Tlow)
(Note 7)
27
28
27
28
27
28
27
28
27
28
Output Voltage −
Low Limit,
VCC = 5.0 V,
RL = 10 kW,
TA = Thigh to Tlow
(Note 7)
VOL
5.0
20
5.0
20
5.0
20
5.0
100
5.0
100
mV
Output Source Current
(VID = +1.0 V,
VCC = 15 V)
IO +
mA
TA = 25°C
20
40
20
40
20
40
20
40
20
40
TA = Thigh to Tlow
(Note 7)
10
20
10
20
10
20
10
20
10
20
Output Sink Current
IO −
mA
(VID = −1.0 V,
VCC = 15 V)
TA = 25°C
10
20
10
20
10
20
10
20
10
20
TA = Thigh to Tlow
(Note 7)
5.0
8.0
5.0
8.0
5.0
8.0
5.0
8.0
5.0
8.0
(VID = −1.0 V,
VO = 200 mV,
TA = 25°C)
12
50
12
50
12
50
mA
Output Short Circuit
to Ground
(Note 8)
ISC
40
60
40
60
40
60
40
60
40
60
mA
Power Supply Current
(TA = Thigh to Tlow)
(Note 7)
ICC
mA
VCC = 30 V
VO = 0 V, RL = ∞
3.0
1.4
3.0
3.0
3.0
3.0
VCC = 5.0 V,
VO = 0 V, RL = ∞
1.2
0.7
1.2
1.2
1.2
1.2
7. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A/LM324E: Tlow = 0°C, Thigh = +70°C
LM2902/LM2902E: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
8. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Numéro de pièce similaire - LM2902VDTBR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2902VDTBR2G ONSEMI-LM2902VDTBR2G Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM2902VDTBR2G ONSEMI-LM2902VDTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM2902VDTBR2G ONSEMI-LM2902VDTBR2G Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results

Description similaire - LM2902VDTBR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com