Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SK-2900 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SK-2900
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SK-2900 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SK-2900 Datasheet HTML 1Page - List of Unclassifed Manufacturers SK-2900 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Differential Positive ECL (DPECL)
SK-2900 Series
Description
The SK-2900 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This device
is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This device
is intended to operate on positive voltage for PECL applications.
Features
• Wide frequency range–250.0MHz to 500.0MHz
• User specified tolerance available
• Case at electrical ground
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• All metal, resistance weld, hermetically sealed
package
• High shock resistance, to 1500g
• Low Jitter
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• Dual ground plane for added stability
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
Electrical Connection
Pin
Connection
1
V
CC
2
V
EE Case
6
V
EE Case
7
Output
8
/Output
9
V
EE Case
13
V
EE Case
14
Enable/Disable
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0012F
Rev. C


Numéro de pièce similaire - SK-2900

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SK-2910 ETC1-SK-2910 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-2911 ETC1-SK-2911 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-2917 ETC1-SK-2917 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-2919 ETC1-SK-2919 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-291A ETC1-SK-291A Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Description similaire - SK-2900

FabricantNo de pièceFiches techniqueDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com