Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8182YDPSR5G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS8182YDPSR5G
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182YDPSR5G Fiches technique(HTML) 4 Page - ON Semiconductor

  CS8182YDPSR5G Datasheet HTML 1Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 2Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 3Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 4Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 5Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 6Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 7Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 8Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS8182
www.onsemi.com
4
TYPICAL CHARACTERISTICS
18
16
14
12
10
8
6
4
2
0
Figure 2. Quiescent Current vs. Output Current
0
20
40
60
80
100
120 140 160 180 200
OUTPUT CURRENT (mA)
Figure 3. Quiescent Current vs. Input Voltage
(Operating Mode)
1
0.9
0.8
0.7
0.6
0.5
0.3
0.2
0.1
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
0.4
Figure 4. Quiescent Current vs. Input Voltage
(Sleep Mode)
Figure 5. VOUT Reverse Current
Figure 6. VOUT Reverse Current
100
90
80
70
60
50
30
20
10
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
40
20
18
16
14
12
10
6
4
2
0
0
5
10
15
20
25
FORCED VOUT VOLTAGE (V)
8
140
120
100
80
60
40
20
0
0
5
10
15
20
25
FORCED VOUT VOLTAGE (V)
30
35
40
I (VOUT) = 20 mA
I (VOUT) = 1 mA
VREF/ ENABLE = 0 V
VIN = 6 V*
VREF = 5 V**
VIN = 0 V
* Graph is duplicate for VIN > 1.6 V.
**Dip (@5 V) shifts with VREF voltage.
VIN = 6 V*
VREF = 5 V**
VIN = 0 V
* Graph is duplicate for VIN > 1.6 V.
**Dip (@5 V) shifts with VREF voltage.


Numéro de pièce similaire - CS8182YDPSR5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182YDPSR5G ONSEMI-CS8182YDPSR5G Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
More results

Description similaire - CS8182YDPSR5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com