Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB41BA3B Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB41BA3B
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3B Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TSB41BA3B Datasheet HTML 5Page - Texas Instruments TSB41BA3B Datasheet HTML 6Page - Texas Instruments TSB41BA3B Datasheet HTML 7Page - Texas Instruments TSB41BA3B Datasheet HTML 8Page - Texas Instruments TSB41BA3B Datasheet HTML 9Page - Texas Instruments TSB41BA3B Datasheet HTML 10Page - Texas Instruments TSB41BA3B Datasheet HTML 11Page - Texas Instruments TSB41BA3B Datasheet HTML 12Page - Texas Instruments TSB41BA3B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
TSB41BA3B
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS678 − SEPTEMBER 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
TYPE
PFP
NO.
GGM
NO.
I/O
DESCRIPTION
AGND
Supply
21, 40, 43,
50, 61, 62
J9, A10,
B8, D6,
C2, C3
Analog circuit ground terminals. These terminals must be tied together to the
low-impedance circuit board ground plane.
AVDD
Supply
24, 39, 44,
51, 57, 63
H10, C9,
C8, E6,
B3, C1
Analog circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
μF and 0.001 μF.
Lower frequency 10-
μF filtering capacitors are also recommended. These supply
terminals are separated from the PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE,
and DVDD-3.3 terminals internal to the device to provide noise isolation. The
PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together with a low dc
impedance connection on the circuit board.
BMODE
CMOS
74
G1
I
Beta-mode input. This terminal determines the PHY-link interface connection
protocol. When logic-high (asserted), the PHY-link interface complies with the
1394b-2002 B PHY-link interface. When logic-low (deasserted), the PHY-link
interface complies with the legacy 1394a-2000 standard. When using an LLC such
as the 1394b-2002 TSB82AA2, this terminal must be pulled high. When using an
LLC such as the 1394a-2000 TSB12LV26, this terminal must be tied low.
NOTE: The PHY-link interface cannot be changed between the different protocols
during operation.
CPS
CMOS
34
E8
I
Cable-power status input. This terminal is normally connected to cable power
through a 400-k
Ω resistor. This circuit drives an internal comparator that detects the
presence of cable power. This transition from cable power sensed to cable power
not sensed can be used to generate an interrupt to the LLC.
CTL0
CTL1
CMOS
9
10
K5
J5
I/O
Control I/Os. These bidirectional signals control communication between the
TSB41BA3B and the LLC. Bus holders are built into these terminals.
D0−D7
CMOS
11, 12, 13,
15, 16, 17,
19, 20
K6, J6,
H6, K7,
J7, K8, K9,
K10
I/O
Data I/Os. These are bidirectional data signals between the TSB82BA3 and the
LLC. Bus holders are built into these terminals.
If power management control (PMC) is selected using LCLK_PMC, then some of
these terminals can be used for PMC. See the LCLK_PMC terminal description for
more information.
DGND
Supply
4, 14, 38,
64, 72, 76
H3, G7,
C10, D2,
F1, G3
Digital circuit ground terminals. These terminals must be tied together to the
low-impedance circuit board ground plane.
DVDD-CORE
Supply
8, 37, 65,
71
H4, D8,
D1, E5
Digital core circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
μF and 0.001 μF.
An additional 1-
μF capacitor is required for voltage regulation. These supply
terminals are separated from the DVDD-3.3, PLLVDD-CORE, PLLVDD-3.3, and
AVDD terminals internal to the device to provide noise isolation.
DVDD-3.3
Supply
6, 18, 69,
70
J4, J8, E3,
E4
Digital 3.3-V circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
μF and 0.001 μF.
Lower-frequency 10-
μF filtering capacitors are also recommended. The DVDD-3.3
terminals must be tied together at a low-impedance point on the circuit board. These
supply terminals are separated from the PLLVDD-CORE, PLLVDD-3.3,
DVDD-CORE, and AVDD terminals internal to the device to provide noise isolation.
The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together with a low
dc impedance connection on the circuit board.


Numéro de pièce similaire - TSB41BA3B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3BIGGM TI-TSB41BA3BIGGM Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Description similaire - TSB41BA3B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com