Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2006IRTJR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2006IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2006IRTJR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TSC2006IRTJR Datasheet HTML 4Page - Texas Instruments TSC2006IRTJR Datasheet HTML 5Page - Texas Instruments TSC2006IRTJR Datasheet HTML 6Page - Texas Instruments TSC2006IRTJR Datasheet HTML 7Page - Texas Instruments TSC2006IRTJR Datasheet HTML 8Page - Texas Instruments TSC2006IRTJR Datasheet HTML 9Page - Texas Instruments TSC2006IRTJR Datasheet HTML 10Page - Texas Instruments TSC2006IRTJR Datasheet HTML 11Page - Texas Instruments TSC2006IRTJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
-40
-20
0
20
40
60
80
100
Temperature(°C)
1000
800
600
400
200
0
SNSVDD=1.6V
SNSVDD=3.6V
SNSVDD=3.0V
SNSVDD=I/OVDD=V
REF
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
60
45
30
15
0
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
30
25
20
15
10
5
I/OVDD=SNSVDD=V
REF
I/OVDD=1.6V,f
=5.5MHz
SCLK
I/OVDD=1.2V,f
=5.5MHz
SCLK
I/OVDD=1.6V,f
=10MHz
SCLK
1.2
1.6
2.0
2.4
2.8
3.2
3.6
I/OVDD(V)
90
80
70
60
50
40
30
20
10
0
I/OVDD=SNSVDD=V
REF
T =25 C
A
°
f
=2MHz,f
=10MHz
ADC
SCLK
f
=2MHz,f
=5.5MHz
ADC
SCLK
f
=1MHz,f
=10MHz
ADC
SCLK
f
=1MHz,f
=5.5MHz
ADC
SCLK
-40
-20
0
20
40
60
80
100
Temperature(°C)
4
3
2
1
0
SNSVDD=I/OVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
8
7
6
5
4
3
2
1
SNSVDD=I/OVDD=V
REF
TSC2006
SBAS415C – JUNE 2007 – REVISED MARCH 2009 ......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz,
12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
POWER-DOWN SUPPLY CURRENT
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 7.
Figure 8.
I/OVDD SUPPLY CURRENT
I/OVDD SUPPLY CURRENT
vs TEMPERATURE
vs I/OVDD SUPPLY VOLTAGE
Figure 9.
Figure 10.
REFERENCE INPUT CURRENT
REFERENCE INPUT CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2006


Numéro de pièce similaire - TSC2006IRTJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006IRTJR TI-TSC2006IRTJR Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Description similaire - TSC2006IRTJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com