Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2100IDAG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TSC2100IDAG4
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2100IDAG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TSC2100IDAG4 Datasheet HTML 2Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 3Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 4Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 5Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 6Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 7Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 8Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 9Page - Texas Instruments TSC2100IDAG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
6
ELECTRICAL CHARACTERISTICS
At +25°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE
Voltage range
VREF output programmed as 2.5 V
2.3
2.5
2.7
V
Voltage range
VREF output programmed as 1.25 V
1.15
1.25
1.35
V
Voltage range
External VREF. By design, not tested in
production.
1.2
2.55
V
Reference drift
Internal VREF = 1.25 V
29
ppm/°C
Current drain
Extra current drawn when the internal
reference is turned on.
650
µA
DIGITAL INPUT / OUTPUT(1)
Internal clock frequency
8.8
MHz
Logic family
CMOS
Logic level:
VIH
IIH = +5 µA
0.7xIOVDD
V
VIL
IIL = +5 µA
−0.3
0.3xIOVDD
V
VOH
IOH = 2 TTL loads
0.8xIOVDD
V
VOL
IOL = 2 TTL loads
0.1xIOVDD
V
Capacitive load
10
pF
POWER SUPPLY REQUIREMENTS
Power supply voltage
AVDD(2)
2.7
3.6
V
DRVDD(2)
2.7
3.6
V
IOVDD
1.1
3.6
V
DVDD
1.525
1.95
V
IAVDD
Host controlled AUX
i
47
Touch-screen ADC quiescent current
IDRVDD
conversion at
10 ksps with external
0
µA
q
IDVDD
10 ksps with external
reference.
65
µ
IAVDD
48 ksps, output drivers in low
2.2
Stereo audio playback
IDRVDD
48 ksps, output drivers in low
power mode, VGND off, PLL
0
mA
Stereo audio playback
IDVDD
power mode, VGND off, PLL
off
2.4
mA
IAVDD
2.9
Microphone record
IDRVDD
48 ksps, no playback, PLL off
0
mA
Microphone record
IDVDD
48 ksps, no playback, PLL off
1.4
mA
IAVDD
Additi
l
d
0.1
PLL
IDRVDD
Additional power consumed
when PLL is enabled
1.3
mA
PLL
IDVDD
when PLL is enabled.
0.9
mA
IAVDD
Additi
l
d
0.3
VGND
IDRVDD
Additional power consumed
when VGND is powered
0.9
mA
VGND
IDVDD
when VGND is powered.
0
mA
Hardware power down
All currents
2
µA
(1) Internal oscillator is designed to give nominally 8-MHz clock frequency. However, due to process variations, this frequency can vary from device
to device. All calculations for delays and wait times in the data sheet assume an 8-MHz oscillator clock.
(2) It is recommended that AVDD and DRVDD be set to the same voltage for the best performance. It is also recommended that these supplies be
separated on the user’s PCB.


Numéro de pièce similaire - TSC2100IDAG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2100IDA TI-TSC2100IDA Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IDAR TI-TSC2100IDAR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

Description similaire - TSC2100IDAG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com