Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A23167DCURG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A23167DCURG4
Description  DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23167DCURG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TS5A23167DCURG4 Datasheet HTML 7Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 8Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 9Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 10Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 11Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 12Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 13Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 14Page - Texas Instruments TS5A23167DCURG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
6
VCOM (V)
855C
255C
–405C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
VCOM (V)
855C
255C
–405C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
V+ = 5 V
VCOM (V)
V+ = 3.3 V
TA = 25_C
V+ = 2.5 V
V+ = 1.8 V
TS5A23167
www.ti.com
SCDS195A – MAY 2005 – REVISED SEPTEMBER 2012
TYPICAL PERFORMANCE
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3.3 V)
Figure 3. ron vs VCOM (V+ = 5 V)
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A23167


Numéro de pièce similaire - TS5A23167DCURG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23167DCUR TI-TS5A23167DCUR Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23167DCURE4 TI-TS5A23167DCURE4 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Description similaire - TS5A23167DCURG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
   SPST 4-Channel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com