Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A23167DCUR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A23167DCUR
Description  DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23167DCUR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TS5A23167DCUR Datasheet HTML 3Page - Texas Instruments TS5A23167DCUR Datasheet HTML 4Page - Texas Instruments TS5A23167DCUR Datasheet HTML 5Page - Texas Instruments TS5A23167DCUR Datasheet HTML 6Page - Texas Instruments TS5A23167DCUR Datasheet HTML 7Page - Texas Instruments TS5A23167DCUR Datasheet HTML 8Page - Texas Instruments TS5A23167DCUR Datasheet HTML 9Page - Texas Instruments TS5A23167DCUR Datasheet HTML 10Page - Texas Instruments TS5A23167DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TS5A23167
www.ti.com
SCDS195A – MAY 2005 – REVISED SEPTEMBER 2012
Electrical Characteristics for 2.5-V Supply
(1)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
2.3 V
0
V+
V
VNC
25°C
1.8
2.4
0
≤ VNC ≤ V+,
Switch ON,
Peak ON resistance
rpeak
2.3 V
Ω
ICOM = –100 mA,
See Figure 13
Full
2.6
25°C
1.2
2.1
VNC = 2 V,
Switch ON,
ON-state resistance
ron
2.3 V
Ω
ICOM = –100 mA,
See Figure 13
Full
2.4
ON-state resistance
25°C
0.04
0.15
VNC = 2 V, 0.8 V,
Switch ON,
match between
Δron
2.3 V
Ω
ICOM = –100 mA,
See Figure 13
Full
0.15
channels
0
≤ VNC ≤ V+,
Switch ON,
25°C
0.7
ICOM = –100 mA,
See Figure 13
ON-state resistance
ron(flat)
2.3 V
Ω
flatness
25°C
0.4
0.6
VNC = 2 V, 0.8 V,
Switch ON,
ICOM = –100 mA,
See Figure 13
Full
0.6
VNC = 1 V,
25°C
–5
0.3
5
VCOM = 3 V,
Switch OFF,
INC(OFF)
or
2.7 V
nA
See Figure 14
Full
–50
50
NC
VNC = 3 V,
OFF leakage current
VCOM = 1 V,
25°C
–2
0.05
2
VNC = 0 to 3.6 V,
Switch OFF,
INC(PWROFF)
0 V
μA
VCOM = 3.6 V to 0,
See Figure 14
Full
–15
15
VCOM = 1 V,
25°C
–5
0.3
5
VNC = 3 V,
Switch OFF,
ICOM(OFF)
or
2.7 V
nA
See Figure 14
Full
–50
50
COM
VCOM = 3 V,
OFF leakage current
VNC = 1 V,
25°C
–2
0.05
2
VCOM = 0 to 3.6 V,
Switch OFF,
ICOM(PWROFF)
0 V
μA
VNC = 3.6 V to 0,
See Figure 14
Full
–15
15
VNC = 1 V,
25°C
–2
0.3
2
VCOM = Open,
NC
Switch ON,
INC(ON)
or
2.7 V
nA
ON leakage current
See Figure 15
Full
–20
20
VNC = 3 V,
VCOM = Open,
VCOM = 1 V,
25°C
–2
0.3
2
VNC = Open,
COM
Switch ON,
ICOM(ON)
or
2.7 V
nA
ON leakage current
See Figure 15
Full
–20
20
VCOM = 3 V,
VNC = Open,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
25°C
–2
0.3
2
Input leakage current
IIH, IIL
VI = 5.5 V or 0
2.7 V
nA
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A23167


Numéro de pièce similaire - TS5A23167DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23167DCUR TI-TS5A23167DCUR Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23167DCURE4 TI-TS5A23167DCURE4 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Description similaire - TS5A23167DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
   SPST 4-Channel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com