Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2100 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TSC2100
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2100 Fiches technique(HTML) 2 Page - Texas Instruments

  TSC2100_16 Datasheet HTML 1Page - Texas Instruments TSC2100_16 Datasheet HTML 2Page - Texas Instruments TSC2100_16 Datasheet HTML 3Page - Texas Instruments TSC2100_16 Datasheet HTML 4Page - Texas Instruments TSC2100_16 Datasheet HTML 5Page - Texas Instruments TSC2100_16 Datasheet HTML 6Page - Texas Instruments TSC2100_16 Datasheet HTML 7Page - Texas Instruments TSC2100_16 Datasheet HTML 8Page - Texas Instruments TSC2100_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
OPERATING
TEMPERATURE RANGE
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
TSSOP 32
DA
TSC2100IDA
Tubes, 46
TSC2100IDA
TSSOP-32
DA
40°C t 85°C
TSC2100IDAR
Tape and Reel, 2000
TSC2100IDA
QFN 32
RHB
−40°C to 85°C
TSC2100IRHB
Tubes, 52
QFN-32
RHB
TSC2100IRHBR
Tape and Reel, 3000
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DIN
DOUT
BCLK
DVDD
DVSS
IOVDD
MCLK
SCLK
MISO
MOSI
SS
PINTDAV
MICBIAS
MICIN
AUX
VBAT2
PWD/ADWS
LRCK
RESET
HPR
DRVDD
VGND
DRVSS
HPL
AVDD
X+
Y+
X−
Y−
AVSS
VREF
VBAT1
TSSOP
(TOP VIEW)
QFN
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DRVDD
VGND
DRVSS
HPL
AVDD
X+
Y+
X−
DVSS
IOVDD
MCLK
SCLK
MISO
MOSI
SS
PINTDAV
32
26
11 12 13 14 15 16
25
Terminal Functions
QFN
PIN
TSSOP
PIN
NAME
DESCRIPTION
QFN
PIN
TSSOP
PIN
NAME
DESCRIPTION
29
1
DIN
Audio data input
13
17
VBAT1
Battery monitor input
30
2
DOUT
Audio data output
14
18
VREF
Reference voltage I/O
31
3
BCLK
Audio bit−clock
15
19
AVSS
Analog ground
32
4
DVDD
Digital core supply
16
20
Y−
Y− position input and driver
1
5
DVSS
Digital core and IO ground
17
21
X−
X− position input and driver
2
6
IOVDD
IO supply
18
22
Y+
Y+ position input and driver
3
7
MCLK
Master clock
19
23
X+
X+ position input and driver
4
8
SCLK
SPI serial clock input
20
24
AVDD
Analog power supply
5
9
MISO
SPI serial data output
21
25
HPL
Left channel audio output
6
10
MOSI
SPI serial data input
22
26
DRVSS
Speaker ground
7
11
SS
SPI slave select input
23
27
VGND
Virtual ground for audio output
8
12
PINTDAV Pen interrupt/data available output
24
28
DRVDD
Speaker /PLL supply
9
13
MICBIAS Microphone bias voltage
25
29
HPR
Right channel audio output
10
14
MICIN
Microphone input
26
30
RESET
Device reset
11
15
AUX
Auxiliary input
27
31
LRCK
Audio DAC word-clock
12
16
VBAT2
Battery monitor input
28
32
PWD/ADWS Hardware powerdown/ADC word clock


Numéro de pièce similaire - TSC2100_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2100IDA TI-TSC2100IDA Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IDAR TI-TSC2100IDAR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IRHB TI-TSC2100IRHB Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100IRHBR TI-TSC2100IRHBR Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

Description similaire - TSC2100_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com