Moteur de recherche de fiches techniques de composants électroniques |
|
MC10EP33 Fiches technique(PDF) 6 Page - ON Semiconductor |
|
MC10EP33 Fiches technique(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC10EP33, MC100EP33 http://onsemi.com 6 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = –5.5 V to –3.0 V (Note 18) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 23 28 33 24 30 36 25 31 37 mA VOH Output HIGH Voltage (Note 19) –1145 –1020 –895 –1145 –1020 –895 –1145 –1020 –895 mV VOL Output LOW Voltage (Note 19) –1945 –1820 –1695 –1945 –1820 –1695 –1945 –1820 –1695 mV VIH Input HIGH Voltage (Single–Ended) –1225 –880 –1225 –880 –1225 –880 mV VIL Input LOW Voltage (Single–Ended) –1945 –1625 –1945 –1625 –1945 –1625 mV VBB Output Voltage Reference –1525 –1425 –1325 –1525 –1425 –1325 –1525 –1425 –1325 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 20) VEE+2.0 0.0 VEE+2.0 0.0 VEE+2.0 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 18. Input and output parameters vary 1:1 with VCC. 19. All loading with 50 W to VCC–2.0 volts. 20. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. AC CHARACTERISTICS VCC = 0 V; VEE = –3.0 V to –5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 21) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit VOPP Output Voltage Amplitude (See Figure 3) fin < 4.0 GHz fin < 4.5 GHz 700 600 700 600 700 600 mV tPLH, tPHL Propagation Delay to CLK/Q Output Differential RESET/Q 300 370 380 420 440 470 300 370 380 420 440 470 320 400 400 450 460 500 ps tRR Set/Rest Recovery 150 100 200 100 200 100 ps tPW Minimum Pulse width RESET 550 480 550 480 550 480 ps tJITTER Cycle–to–Cycle Jitter 0.2 < 1 0.2 < 1 0.2 < 1 ps VPP Input Voltage Swing (Differential) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% – 80%) 90 170 200 100 180 250 120 200 280 ps 21. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC–2.0 V. |
Numéro de pièce similaire - MC10EP33 |
|
Description similaire - MC10EP33 |