Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC78616PE-6D02-H Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LC78616PE-6D02-H
Description  Digital Servo Processor LSI
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78616PE-6D02-H Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LC78616PE-6D02-H Datasheet HTML 3Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 4Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 5Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 6Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 7Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 8Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 9Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 10Page - ON Semiconductor LC78616PE-6D02-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LC78616PE
www.onsemi.com
7
Pin Description
Pin
No.
Pin name
I/O
State when
“Reset”
Function
1
AVDD
Analog system power supply
2
FDO
AO
AVDD/2
Focus control signal output
3
TDO
AO
AVDD/2
Tracking control signal output
4
SLDO
AO
AVDD/2
Sled control signal output
5
SPDO
AO
AVDD/2
Spindle control signal output
6
VVSS1
EFMPLL ground. This pin must be connected to the 0V level.
7
PDOUT1
AO
Undefined
EFMPLL charge pump output 1
8
PDOUT0
AO
Undefined
EFMPLL charge pump output 0
9
PCKIST
AI
Input
EFMPLL charge pump current setting resistor connection pin
10
VVDD1
EFMPLL power supply
11
MODE
I
Input
LSI mode set pin. This pin must be connected to the DVDD level.
12
CE
I
Input
Host I/F
Enable signal input for serial communication
This pin must be connected to the 0V level in IIC communication mode.
13
CL
I/O
Input
Host I/F
Data transfer clock input for serial communication
Data transfer clock input for IIC communication (N-ch. open drain)
14
DI
I/O
Input
Host I/F
Data input for serial communication
Data input/output for IIC communication (N-ch. open drain)
15
DO
I/O
Input
Host I/F
Data output for serial communication
This pin must be pulled down to the 0V level or be pulled up to the DVDD level in
IIC communication mode.
16
RESB
I
Input
IC reset input.(Low active)
This pin must be set low once after power is first applied.
17
TEST
I
Input
Test input. This pin must be connected to the 0V level.
18
BUSYB
O
Low
Host I/F
BUSYB output(High : Communication available)
19
CONT04
I/O
Input
General purpose I/O port with pull down resistor
Digital audio output<S/PDIF>
FS384 clock output for Audio DAC
Clock input/output for CDTEXT interface (exclusive with CONT01 and CONT09)
Watch Dog Timer state monitor output
20
CONT05
I/O
Input
General purpose I/O port with pull down resistor
Serial data output for CDTEXT interface
21
CONT03
I/O
Input
General purpose I/O port with pull down resistor
Digital audio output<S/PDIF>
FS384 clock output for Audio DAC
SBCK clock input for CD subcode data
Data request signal input for CDTEXT interface (exclusive with CONT00 and
CONT08)
Watch Dog Timer state monitor output
22
CONT02
I/O
Input
General purpose I/O port with pull down resistor
Data output for Digital Audio interface
PW data output in CD subcode
Serial data output for CDTEXT interface
23
CONT01
I/O
Input
General purpose I/O port with pull down resistor
Bit clock output for CD data
Bit clock input for CD data (exclusive with CONT09)
Frame synchronization signal (SFSY) output for CD subcode
Clock input/output for CDTEXT interface (exclusive with CONT04 and CONT09)
24
CONT00
I/O
Input
General purpose I/O port
LR clock output for CD data
LR clock input for CD data (exclusive with CONT08)
Block synchronization signal (SBSY) output for CD subcode
Data request signal input for CDTEXT interface (exclusive with CONT03 and
CONT08)
25
SDDAT15
I/O
Input(Low) SDRAM data 15


Numéro de pièce similaire - LC78616PE-6D02-H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
More results

Description similaire - LC78616PE-6D02-H

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
logo
Nippon Precision Circui...
SM9403BM NPC-SM9403BM Datasheet
142Kb / 18P
   DVDRAM Servo-amplifier LSI
logo
LSI Computer Systems
BU9532KS2 LSI-BU9532KS2 Datasheet
172Kb / 2P
   Signal processor LSI with pre-servo amplifier for CD players
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com