Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C16M16D1A Fiches technique(PDF) 27 Page - Alliance Semiconductor Corporation

No de pièce AS4C16M16D1A
Description  66-pin TSOPII PACKAGE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16D1A Fiches technique(HTML) 27 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16D1A Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C16M16D1A Datasheet HTML 31Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Random Read Accesses Required CAS Latencies (CL=3)
DO
p
DO
n'
DO
o
DO
o'
CK
CK
COMMAND
READ
READ
READ
READ
NOP
NOP
Bank,
Col n
ADDRESS
DQS
DQ
CL=3
Don’t Care
Bank,
Col o
Bank,
Col p
Bank,
Col q
DO n, etc. =Data Out from column n, etc.
n', etc. =the next Data Out following DO n, etc. according to the programmed burst order
Burst Length=2,4 or 8 in cases shown. If burst of 4 or 8, the burst is interrupted
Reads are to active rows in any banks
DO
n
 
 
 
 
16Mx16 DDR1-AS4C16M16D1A
Confidential
- 27/64 -
Rev.1.1
July 2015


Numéro de pièce similaire - AS4C16M16D1A

FabricantNo de pièceFiches techniqueDescription
logo
Alliance Semiconductor ...
AS4C16M16D1A-5TCN ALSC-AS4C16M16D1A-5TCN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C16M16D1A-5TIN ALSC-AS4C16M16D1A-5TIN Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
More results

Description similaire - AS4C16M16D1A

FabricantNo de pièceFiches techniqueDescription
logo
Alliance Semiconductor ...
AS4C32M16SB-7TIN ALSC-AS4C32M16SB-7TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
AS4C32M16SB-7TINTR ALSC-AS4C32M16SB-7TINTR Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
logo
Analog Devices
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
TRIAD MAGNETICS
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
   SP-66
logo
Mosel Vitelic, Corp
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
FERYSTER Inductive Comp...
OBUD-TOR-R10 FERYSTER-OBUD-TOR-R10 Datasheet
193Kb / 1P
   pA 66 Recyclingmaterial
OBUD-EFD25 FERYSTER-OBUD-EFD25 Datasheet
93Kb / 1P
   PA-66 101L
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com