Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS92661QPHPRQ1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS92661QPHPRQ1
Description  High-Brightness LED Matrix Manager for Automotive Headlight Systems
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92661QPHPRQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS92661QPHPRQ1 Datasheet HTML 7Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 8Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 9Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 10Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 11Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 12Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 13Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 14Page - Texas Instruments TPS92661QPHPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
LEDxOFF
800
LEDxON
250
TCNT
0
1023
LEDx
current
Time
( )(
)
( )(
)
DS on x _ channels
ALL on max
n
R
R
238 m
n
12
æ
ö
=
´
=
W ´
ç
÷
è
ø
11
TPS92661-Q1
www.ti.com
SLUSBU2A – SEPTEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS92661-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Internal Switch Resistance
Each single switch (connected between LEDn and LEDn–1) has a measurable typical RDS(on) value of 225 mΩ.
This measurement includes the actual on-resistance (RDS(on)) of the switch and the resistance of the two
internally connected bond wires. When multiple series switches are on, the effective resistance is not simply the
number of channels multiplied by 225 m
Ω because there are not two conducting bond wires for every series-
connected switch. For this reason the all-switches on-resistance (RALL(on)) is specified in the Electrical
Characteristics table. This value includes the twelve RDS(on) on-resistances and the resistance of the bond wires
at each end of the series connected switches.
The dominant power loss mechanism In the TPS92661 device, is I2R loss through the switches. Other power
loss sources are always less than 50 mW. When calculating the power dissipation of the TPS92661 device
switches, use Equation 1 for the best estimation of this power loss.
where n is the number of channels
(1)
See the 6 LED, 1.5-A Application section for a sample calculation.
7.3.3 PWM Dimming
The TPS92661 device provides 10-bit PWM dimming of each individual LED. The LED turn-on and turn-off times
are separately programmed for each LED. The LEDxON registers and LEDxOFF registers (where x = 1 to 12)
determine the LED turn-on and turn-off times, respectively, within the PWM dimming period. Phase shifting can
be accomplished by staggering the LEDxON times or LEDxOFF times. The 10-bit internal PWM Period Counter
(TCNT) is compared against the LEDxON and LEDxOFF values.
When TCNT reaches the programmed LEDxON value for a given LED, the corresponding bypass switch is
turned off to force current through the LED. Similarly, when TCNT reaches the programmed LEDxOFF value, the
bypass switch is turned on to turn off the LED. TCNT counts continuously from 0 to 1023 and returns to 0 again.
The LED PWM dimming period equals 1024 times the internally divided, programmable PWM clock period.
Figure 9 shows an example of LED PWM using values of LEDxON = 250 and LEDxOFF = 800.
Figure 9. LED PWM Example
Because the LEDxON and LEDxOFF times are completely programmable, this allows the system flexibility to
phase shift the leading edge (LED On), the trailing edge (LED Off), or double-edge PWM.
The comparison circuitry consists of a digital comparator, along with an AND gate to allow that particular
comparison to propagate to the LED switch. The TCNT counter value is continuously compared against the value
programmed into the LED On/Off registers. The ENON bit that corresponds to that particular LED determines
whether or not that comparison has any effect at the LED. The logic is represented in Figure 10.


Numéro de pièce similaire - TPS92661QPHPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Description similaire - TPS92661QPHPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92663-Q1 TI1-TPS92663-Q1 Datasheet
739Kb / 11P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662-Q1 TI1-TPS92662-Q1 Datasheet
771Kb / 12P
[Old version datasheet]   High-Brightness LED Matrix Manager for Automotive Headlight Systems
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92662A-Q1 TI1-TPS92662A-Q1 Datasheet
126Kb / 5P
[Old version datasheet]   TPS92662A-Q1 High Brightness LED Matrix Manager with EMI Mitigation Techniques
logo
Maxim Integrated Produc...
MAX20092 MAXIM-MAX20092 Datasheet
407Kb / 2P
   12-Switch Matrix Manager for Automotive Lighting
2018
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com