Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS92513HV Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS92513HV
Description  1.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513HV Fiches technique(HTML) 4 Page - Texas Instruments

  TPS92513HV Datasheet HTML 1Page - Texas Instruments TPS92513HV Datasheet HTML 2Page - Texas Instruments TPS92513HV Datasheet HTML 3Page - Texas Instruments TPS92513HV Datasheet HTML 4Page - Texas Instruments TPS92513HV Datasheet HTML 5Page - Texas Instruments TPS92513HV Datasheet HTML 6Page - Texas Instruments TPS92513HV Datasheet HTML 7Page - Texas Instruments TPS92513HV Datasheet HTML 8Page - Texas Instruments TPS92513HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS92513, TPS92513HV
SLVSCX6 – APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN (TPS92513HV)
–0.3
65
VIN (TPS92513)
–0.3
45
PDIM, UVLO
–0.3
5
Input voltage
V
BOOT
(PH + 8)
ISENSE, IADJ, COMP
–0.3
3
RT/CLK
–0.3
3.6
PH (TPS92513HV)
–0.6
65
Output voltage
PH (TPS92513)
–0.6
45
V
PH, 10-ns Transient
–2
Voltage Difference
PAD to GND
±200
mV
Source Current
PH
Current Limit
A
VIN
Current Limit
A
Sink current
BOOT
1
mA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM),ESD stress voltage(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), ESD stress voltage(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2 kV may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage (TPS92513HV)
4.5
60
VIN
V
Input voltage (TPS92513)
4.5
42
Switching frequency range using RT mode
100
2000
fSW
kHz
Switching frequency range using CLK mode
300
2000
tMIN(RT
Minimum RT/CLK input pulse width for switching frequency synchronization
51
ns
/CLK)
TJ
Operating junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92513 TPS92513HV


Numéro de pièce similaire - TPS92513HV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Description similaire - TPS92513HV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92512 TI1-TPS92512 Datasheet
1Mb / 30P
[Old version datasheet]   2.5A Buck LED Driver with Integrated Analog Current Adjust
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com