Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS92511 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS92511
Description  500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92511 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS92511 Datasheet HTML 6Page - Texas Instruments TPS92511 Datasheet HTML 7Page - Texas Instruments TPS92511 Datasheet HTML 8Page - Texas Instruments TPS92511 Datasheet HTML 9Page - Texas Instruments TPS92511 Datasheet HTML 10Page - Texas Instruments TPS92511 Datasheet HTML 11Page - Texas Instruments TPS92511 Datasheet HTML 12Page - Texas Instruments TPS92511 Datasheet HTML 13Page - Texas Instruments TPS92511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ILED(avg)
Time
1/fSW .
tON
ILX
IL1
TPS92511
SNVS901A – MARCH 2014 – REVISED MAY 2014
www.ti.com
7.3 Feature Description
7.3.1 Pulse Level Modulation (PLM) Control
A proprietary Pulse-Level-Modulation (PLM) control method is used in the TPS92511.
It can regulate the
average LED current by sensing only the inductor current at the on-period (Figure 13). The integrated MOSFET
and the sensing and control circuits in the TPS92511 implement the whole PLM control internally so the control
does not suffer from tolerance and noise issues that may be coming from external components. As compared
with the conventional method which regulates average LED current by sensing the current over the entire
switching cycle, the power dissipation on the sensing circuit in PLM is much lower. For example, consider a duty
cycle of 0.5, the power dissipation on current sensing in PLM can be reduced by half. PLM requires no external
loop compensation circuit. Besides, the accuracy of the regulated LED current is high (typically ±3.5% in the
TPS92511).
Figure 13. Waveforms of a Floating Buck LED Driver with PLM
7.3.2 Pulse Level Modulation (PLM) Operaion Principles
The Pulse-Level-Modulation is a patented method to ensure an accurate average output current regulation
without the need of direct output current sensing. Figure 13 shows the current waveforms of a typical buck
converter under steady state, where, IL1 is the inductor current and ILX is the current flowing into the LX pin. For a
buck converter operating in steady state, the mid-point of the RAMP portion of IL1 equals to the average value of
IL1 and hence the average LED current ILED(avg). In short, by regulating the mid-point with respect to a precise
reference level, PLM achieves LED current regulation by sensing the main MOSFET current solely, instead of
the entire cycle of IL1.
7.3.3
PLM Control enable Common-Anode Low-Side Sensing (CALS)Technique to Save Wiring
For multi-channel systems with separated driver boards and LED array boards, the Pulse-Level-Modulation
(PLM) control scheme enable Common-Anode Low-Side Current Sensing to save inter-board wirings. Figure 14
shows a conventional configuration with a Low-side switching and High-Side Current Sensing. For an n channel
system with separated driver and an LED array boards, 2n inter-board wirings are required. For example, an
128-channel system needs 256 inter-board wirings, which implies a high material and manufacturing cost.
Figure 15 shows the PLM configuration with Low-side switching and Low-Side Current Sensing. A Common-
Anode configuration is used for the LED array board. As shown in the figure, an n channel system with separated
driver and LED array boards requires only n+1 inter-board wirings. For an 128-channel system, only 129 inter-
board wirings are required. The wiring cost is cut by half, and the cost of the end product can be reduced.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS92511


Numéro de pièce similaire - TPS92511

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Description similaire - TPS92511

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com