Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79930DDCTG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
TPS79930DDCTG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 41 page 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 100mA I OUT = 1mA I OUT = 200mA C NR = 0.01µF C OUT = 2.2µF 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 1mA I OUT = 100mA I OUT = 200mA C NR = 0.01µF C OUT = 2.2µF TJ (°C) 600 500 400 300 200 100 0 V EN = 0.4V V IN = 6.5V V IN = 3.2V −40 −25 5 35 65 95 50 125 −15 20 80 110 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 200mA I OUT = 100mA I OUT = 1mA C NR = 0.01µF C OUT = 2.2µF 60 50 40 30 20 10 0 V IN = 5.0V V IN = 3.2V V IN = 2.7V (dropout) V OUT = 2.85V I OUT = 200mA −40 −25 5 35 65 95 50 125 −15 20 80 110 TJ (°C) 60 50 40 30 20 10 0 2.5 3.0 4.5 5.5 6.5 V (V) IN 7.0 3.5 4.0 5.0 6.0 I =200mA OUT V =2.85V OUT I =500 A OUT m TPS799 SBVS056K – JANUARY 2005 – REVISED JANUARY 2015 www.ti.com Typical Characteristics (continued) Over operating temperature range (TJ= –40°C to 125°C), VIN = VOUT(nom) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA, VEN = VIN, COUT = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted. For TPS79901, VOUT = 3.0 V. Typical values are at TJ = 25°C. Figure 7. Ground Pin Current vs Input Voltage Figure 8. TPS799285 Ground Pin Current vs Junction Temperature Figure 10. TPS799285 Power-Supply Ripple Rejection vs Figure 9. Ground Pin Current (Disabled) vs Junction Frequency (VIN – VOUT = 1.0 V) Temperature Figure 11. TPS799285 Power-Supply Ripple Rejection vs Figure 12. TPS799285 Power-Supply Ripple Rejection vs Frequency (VIN – VOUT = 0.5 V) Frequency (VIN – VOUT = 0.25 V) 8 Submit Documentation Feedback Copyright © 2005–2015, Texas Instruments Incorporated Product Folder Links: TPS799 |
Numéro de pièce similaire - TPS79930DDCTG4 |
|
Description similaire - TPS79930DDCTG4 |