Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS8267195 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS8267195
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8267195 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS8267195 Datasheet HTML 1Page - Texas Instruments TPS8267195 Datasheet HTML 2Page - Texas Instruments TPS8267195 Datasheet HTML 3Page - Texas Instruments TPS8267195 Datasheet HTML 4Page - Texas Instruments TPS8267195 Datasheet HTML 5Page - Texas Instruments TPS8267195 Datasheet HTML 6Page - Texas Instruments TPS8267195 Datasheet HTML 7Page - Texas Instruments TPS8267195 Datasheet HTML 8Page - Texas Instruments TPS8267195 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com
6 Device Comparison Table
PART NUMBER (1)
OUTPUT VOLTAGE
DEVICE SPECIFIC FEATURE
PACKAGE MARKING
TPS82670
1.86V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YK
TPS82671
1.8V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
RA
TPS826711
1.8V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YW
TPS826716
1.6V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
GS
TPS82672
1.5V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
WD
TPS826721
2.1V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
EO
TPS82673
1.26V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
YL
TPS82674
1.2V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
SW
TPS826745
1.225V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
B5
TPS82675
1.2V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
RB
TPS82676
1.1V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
TU
TPS826765
1.05V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
Output Capacitor Discharge
AN
TPS82677
1.2V
Output Capacitor Discharge
SK
TPS8267195
1.95V
PWM Spread Spectrum Modulation
Low PFM Output Ripple Voltage
4A


Numéro de pièce similaire - TPS8267195

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS8267195 TI1-TPS8267195 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Description similaire - TPS8267195

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com