Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82740BSIPR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS82740BSIPR
Description  MicroSIP Step Down Converter Module for Low Power Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740BSIPR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS82740BSIPR Datasheet HTML 3Page - Texas Instruments TPS82740BSIPR Datasheet HTML 4Page - Texas Instruments TPS82740BSIPR Datasheet HTML 5Page - Texas Instruments TPS82740BSIPR Datasheet HTML 6Page - Texas Instruments TPS82740BSIPR Datasheet HTML 7Page - Texas Instruments TPS82740BSIPR Datasheet HTML 8Page - Texas Instruments TPS82740BSIPR Datasheet HTML 9Page - Texas Instruments TPS82740BSIPR Datasheet HTML 10Page - Texas Instruments TPS82740BSIPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Output Current (mA)
0.001
0.01
0.1
1
10
100 300
300
45
50
55
60
65
70
75
80
85
90
95
100
D001
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current (mA)
0.001
0.01
0.1
1
10
100 300
300
45
50
55
60
65
70
75
80
85
90
95
100
D002
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current (mA)
0.001
0.01
0.1
1
10
100 300
300
40
45
50
55
60
65
70
75
80
85
90
95
D008
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current (mA)
0.001
0.01
0.1
1
10
100 300
300
40
45
50
55
60
65
70
75
80
85
90
95
D009
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Input Voltage VIN (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
100
200
300
400
500
600
700
800
900
1000
D019
TA = -40C
TA = 25C
TA = 60C
TA = 85C
Input Voltage VIN (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100
120
140
160
180
200
D020
TA = -40C
TA = 25C
TA = 60C
TA = 85C
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
Typical Characteristics (continued)
EN = VIN
EN = GND
CTRL = GND
Device not switching
Figure 1. TPS82740 Quiescent Current IQ
Figure 2. TPS82740 Shutdown current ISD
CTRL = GND
CTRL = GND
Figure 3. TPS82740A Efficiency VOUT = 1.8V
Figure 4. TPS82740A Efficiency VOUT = 2.1V
CTRL = GND
CTRL = GND
Figure 5. TPS82740B Efficiency VOUT = 2.6V
Figure 6. TPS82740B Efficiency VOUT = 3.3V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Numéro de pièce similaire - TPS82740BSIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
More results

Description similaire - TPS82740BSIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com