Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82740ASIPR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS82740ASIPR
Description  MicroSIP Step Down Converter Module for Low Power Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS82740ASIPR Datasheet HTML 5Page - Texas Instruments TPS82740ASIPR Datasheet HTML 6Page - Texas Instruments TPS82740ASIPR Datasheet HTML 7Page - Texas Instruments TPS82740ASIPR Datasheet HTML 8Page - Texas Instruments TPS82740ASIPR Datasheet HTML 9Page - Texas Instruments TPS82740ASIPR Datasheet HTML 10Page - Texas Instruments TPS82740ASIPR Datasheet HTML 11Page - Texas Instruments TPS82740ASIPR Datasheet HTML 12Page - Texas Instruments TPS82740ASIPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
200
400
600
800
1000
1200
1400
1600
1800
D018
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Input Voltage VIN (V)
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
D005
IOUT = 10mA, rising VIN
IOUT = 10mA, falling VIN
IOUT = 50mA, rising VIN
IOUT = 50mA, falling VIN
IOUT = 100mA, rising VIN
IOUT = 100mA, falling VIN
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
200
400
600
800
1000
1200
1400
1600
1800
D016
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
200
400
600
800
1000
1200
1400
1600
1800
D017
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current IOUT (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 10 20 50 100 300
300
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
2.60
2.61
2.62
2.63
2.64
2.65
2.66
2.67
D014
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current IOUT (mA)
0.001
0.01
0.1
1
10
100 300
300
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
D015
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
Typical Characteristics (continued)
CTRL = GND
CTRL = GND
Figure 13. TPS82740B Output voltage VOUT = 2.6V
Figure 14. TPS82740B Output voltage VOUT = 3.3V
Figure 15. TPS82740A Switching frequency VOUT = 1.8V
Figure 16. TPS82740A Switching frequency VOUT = 2.1V
Figure 17. TPS82740B switching frequency VOUT = 3.0V
Figure 18. TPS82740A 100% Mode Transition VOUT = 2.1V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9


Numéro de pièce similaire - TPS82740ASIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
More results

Description similaire - TPS82740ASIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com