Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79318-EP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79318-EP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318-EP Fiches technique(HTML) 5 Page - Texas Instruments

  TPS79318-EP Datasheet HTML 1Page - Texas Instruments TPS79318-EP Datasheet HTML 2Page - Texas Instruments TPS79318-EP Datasheet HTML 3Page - Texas Instruments TPS79318-EP Datasheet HTML 4Page - Texas Instruments TPS79318-EP Datasheet HTML 5Page - Texas Instruments TPS79318-EP Datasheet HTML 6Page - Texas Instruments TPS79318-EP Datasheet HTML 7Page - Texas Instruments TPS79318-EP Datasheet HTML 8Page - Texas Instruments TPS79318-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, EN = V
I, TJ = –55 to 125°C and TJ = –40 to 125°C, VI = VO(typ) +
1 V, I
O = 1 mA, Co = 10 µF, C(byp) = 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current (FB) (TPS79301)
FB = 1.8 V
1
µA
f = 100 Hz, TJ = 25°C,
IO = 10 mA
70
f = 100 Hz, TJ = 25°C,
IO = 200 mA
68
Power-supply ripple
TPS79328
dB
rejection
f = 10 Hz, TJ = 25°C,
IO = 200 mA
70
f = 100 Hz, TJ = 25°C,
IO = 200 mA
43
IO = 200 mA,
TJ = 25°C
120
TPS79328
IO = 200 mA
200
IO = 200 mA,
TJ= 25°C
120
TPS793285
IO = 200 mA
200
IO = 200 mA,
TJ = 25°C
112
Dropout voltage(5)
TPS79330
mV
IO = 200 mA
200
IO = 200 mA,
TJ = 25°C
102
TPS79333
IO = 200 mA
180
IO = 200 mA,
TJ = 25°C
77
TPS793475
IO = 200 mA
125
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
TJ = 25°C
VCC rising
100
mV
(5)
IN voltage equals VO(typ)– 100 mV; The TPS79325 dropout voltage is limited by the input voltage range limitations.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS79318-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79318-Q1 TI-TPS79318-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79318-Q1 TI-TPS79318-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79318-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com