Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79533DCQRG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79533DCQRG4
Description  Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79533DCQRG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS79533DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 9Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 10Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 11Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 12Page - Texas Instruments TPS79533DCQRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0.01
0.1
1
10
100
1
10
100
1000
IOUT (mA)
COUT = 2.2 F
m
Region of Stability
Region of
Instability
0.01
0.1
1
10
100
0
100
200
300
400
500
IOUT (A)
COUT = 10 F
m
Region of Stability
Region of
Instability
0
50
100
150
200
2.5
3
3.5
4
4.5
5
VIN (V)
TJ = 25 C
°
TJ = −40 C
°
TJ = 125 C
°
COUT = 10 F,
m
CNR = 0.01 F,
m
IOUT = 50 mA
0.01
0.1
1
10
100
0
100
200
300
400
500
IOUT (mA)
COUT = 1 F
m
Region of Stability
Region of
Instability
TPS795
www.ti.com
SLVS350I – OCTOBER 2002 – REVISED MAY 2015
Typical Characteristics (continued)
At VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT = 10 μF, CNR = 0.01 μF, CIN = 2.2 μF, and TJ = 25°C, unless otherwise
noted.
Figure 20. TPS79530 Typical Regions of Stability Equivalent
Figure 19. TPS79501 Dropout Voltage vs Input Voltage
Series Resistance (ESR) vs Output Current
Figure 22. TPS79530 Typical Regions of Stability Equivalent
Figure 21. TPS79530 Typical Regions of Stability Equivalent
Series Resistance (ESR) vs Output Current
Series Resistance (ESR) vs Output Current
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS795


Numéro de pièce similaire - TPS79533DCQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79533DCQRG4 TI-TPS79533DCQRG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79533DCQRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com