Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS9103 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS9103
Description  POWER SUPPLY FOR GAAS POWER AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9103 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS9103_09 Datasheet HTML 4Page - Texas Instruments TPS9103_09 Datasheet HTML 5Page - Texas Instruments TPS9103_09 Datasheet HTML 6Page - Texas Instruments TPS9103_09 Datasheet HTML 7Page - Texas Instruments TPS9103_09 Datasheet HTML 8Page - Texas Instruments TPS9103_09 Datasheet HTML 9Page - Texas Instruments TPS9103_09 Datasheet HTML 10Page - Texas Instruments TPS9103_09 Datasheet HTML 11Page - Texas Instruments TPS9103_09 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS9103
POWER SUPPLY FOR GaAs POWER AMPLIFIERS
SLVS131A − OCTOBER 1995 − REVISED JULY 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
power good (PG)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold voltage
VDD = 2.7 V to 5.5 V
0.60
× VDD
V
On-state voltage
IO(PG) = 500 µA,
VCC = 2.7 V to 5.5 V
0.3
V
Off-state voltage
IO(PG) = −500 µA, VCC = 2.7 V to 5.5 V
VCC −0.3
V
Hysteresis
130
mV
power good (PGP)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input impedance
85
k
undervoltage lockout (UVLO + UVDLO)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold voltage
VCC increasing
2.4
2.7
V
Hysteresis
130
mV
supply current (ICC and IDD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby mode
EN = VCC
1
10
µA
Undervoltage lockout
VCC = VDD < 2.3 V
35
50
µA
Operating mode
No load
300
500
µA


Numéro de pièce similaire - TPS9103_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS9103PW TI-TPS9103PW Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
TPS9103Y TI-TPS9103Y Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
More results

Description similaire - TPS9103_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS9103 TI-TPS9103 Datasheet
341Kb / 22P
[Old version datasheet]   POWER SUPPLY FOR GaAs POWER AMPLIFIERS
logo
NXP Semiconductors
UBA1710M PHILIPS-UBA1710M Datasheet
65Kb / 12P
   Modulator for GaAs power amplifiers
1997 Oct 17
logo
ANADIGICS, Inc
AN-0002 ANADIGICS-AN-0002 Datasheet
59Kb / 6P
   Biasing Circuits and Considerations for GaAs MESFET Power Amplifiers
logo
Renesas Technology Corp
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
   SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
   QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com