Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS799L54YZYT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS799L54YZYT
Description  200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799L54YZYT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS799L54YZYT Datasheet HTML 6Page - Texas Instruments TPS799L54YZYT Datasheet HTML 7Page - Texas Instruments TPS799L54YZYT Datasheet HTML 8Page - Texas Instruments TPS799L54YZYT Datasheet HTML 9Page - Texas Instruments TPS799L54YZYT Datasheet HTML 10Page - Texas Instruments TPS799L54YZYT Datasheet HTML 11Page - Texas Instruments TPS799L54YZYT Datasheet HTML 12Page - Texas Instruments TPS799L54YZYT Datasheet HTML 13Page - Texas Instruments TPS799L54YZYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS799L54, TPS799L57
SBVS191B – APRIL 2012 – REVISED AUGUST 2014
www.ti.com
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS799Lxx internal current limit helps protect the regulator during fault conditions. In current limit mode, the
output sources a fixed amount of current that is largely independent of the output voltage. For reliable operation,
do not operate the device in a current-limit state for extended periods of time.
The PMOS pass element in the TPS799Lxx has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited; therefore, if extended reverse voltage operation is
anticipated, external limiting may be required.
7.3.2 Shutdown
The enable pin (EN) is active high and is compatible with standard and low-voltage TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to IN.
7.3.3 Start Up
The TPS799Lxx uses a start-up circuit to quickly charge the noise reduction capacitor, CNR, if present (see the
Functional Block Diagram). This circuit allows for the combination of very low output noise and fast start-up
times. The NR pin is high impedance so a low leakage CNR capacitor must be used; most ceramic capacitors are
appropriate for this configuration.
Note that for fastest start-up, apply VIN first, and then drive the enable pin (EN) high. If EN is tied to IN, start-up is
somewhat slower. The start-up switch is closed for approximately 135
μs. To ensure that CNR is fully charged
during start-up, use a 0.01-
μF or smaller capacitor.
7.3.4 Undervoltage Lockout (UVLO)
The TPS799Lxx uses an undervoltage lockout circuit to keep the output shut off until internal circuitry is operating
properly. The UVLO circuit has a deglitch feature so that undershoot transients are typically ignored on the input
if these transients are less than 50
μs in duration.
7.4 Device Functional Modes
Driving EN over 1.2 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown mode,
thus reducing the operating current to 150 nA, nominal.
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS799L54 TPS799L57


Numéro de pièce similaire - TPS799L54YZYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799L57YZYR TI1-TPS799L57YZYR Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS799L57YZYT TI1-TPS799L57YZYT Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
More results

Description similaire - TPS799L54YZYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com