Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS799 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS799
Description  200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS799 Datasheet HTML 1Page - Texas Instruments TPS799 Datasheet HTML 2Page - Texas Instruments TPS799 Datasheet HTML 3Page - Texas Instruments TPS799 Datasheet HTML 4Page - Texas Instruments TPS799 Datasheet HTML 5Page - Texas Instruments TPS799 Datasheet HTML 6Page - Texas Instruments TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TPS799xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2mF
Ceramic
V
EN
TPS79901
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
V
=
OUT
´
1.193
(R
1
2
+R )
R
2
V
EN
2.2 F
m
Ceramic
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS799
SBVS056K – JANUARY 2005 – REVISED JANUARY 2015
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear
Regulator
1 Features
3 Description
The TPS799 family of low-dropout (LDO), low-power
1
200-mA Low-Dropout Regulator With EN
linear regulators offers excellent ac performance with
Multiple Output Voltage Versions Available:
very low ground current. High power-supply rejection
Fixed Outputs of 1.2 V to 4.5 V Using
ratio (PSRR), low noise, fast start-up, and excellent
Innovative Factory EEPROM Programming
line and load transient response are provided while
consuming a very low 40-
μA (typical) ground current.
Adjustable Outputs from 1.20 V to 6.5 V
The TPS799 is stable with ceramic capacitors and
Inrush Current Protection with EN Toggle
uses an advanced BiCMOS fabrication process to
Low IQ: 40 μA
yield a dropout voltage of typically 100 mV at a
High PSRR: 66 dB at 1 kHz
200-mA output. The TPS799 uses a precision voltage
Stable with a Low-ESR, 2-
μF Typical Output
reference and feedback loop to achieve an overall
Capacitance
accuracy of 2% over all load, line, process, and
temperature variations. The TPS799 features inrush
Excellent Load and Line Transient Response
current protection when the EN toggle is used to start
2% Overall Accuracy (Load, Line, and
the device, immediately clamping the current.
Temperature)
All devices are fully specified over the temperature
Very Low Dropout: 100 mV
range of TJ = –40°C to 125°C, and offered in a low-
Package: 5-Bump, Thin, 1-mm × 1.37-mm
profile, die-sized ball grid array (DSBGA) package,
DSBGA
ideal for wireless handsets and WLAN cards.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cellular Phones
SOT (5)
2.90 mm x 1.60 mm
Wireless LAN, Bluetooth®
TPS799
SON (6)
2.00 x 2.00 mm
VCOs, RF
DSBGA (5)
1.57 mm x 1.20 mm
Handheld Organizers, PDAs
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Typical Application Circuit
Fixed Voltage Versions
Adjustable Voltage Version
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS799

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
logo
TECH PUBLIC Electronics...
TPS799 TECHPUBLIC-TPS799 Datasheet
6Mb / 10P
   300mA 2uA Higt PSRR Voltage Regulator
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results

Description similaire - TPS799

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI-TPS799 Datasheet
1Mb / 39P
[Old version datasheet]   TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
[Old version datasheet]   TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com